Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT36B0 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT36B0
Description  8-Bit Music Synthesizer MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36B0 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT36B0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36B0 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HT36B0
Rev. 1.00
8
June 30, 2003
O P
D A C
D O U T
D C L K
L O A D
H T 8 2 V 7 3 1
H T 3 6 B 0
P C 0 ~ P C 7
P A 0 ~ P A 7
P B 0 ~ P B 7
P D 0 ~ P D 7
P E 0 ~ P E 3
M I D I _ I N
M I D I _ O U T
M I D I _ T H R U
M I D I
D e v i c e
V S S A
V S S
O S C 1
O S C 2
1 1 . 0 5 9 M H z
V D D
V D D
V D D A
1 0 W
4 7 m F
0 . 1 m F
R E S
1 0 0 k W
0 . 1 m F
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com