Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7376PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7376PD
Description  2 X 35W POWER AMPLIFIER FOR CAR RADIO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7376PD Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7376PD Datasheet HTML 1Page - STMicroelectronics TDA7376PD Datasheet HTML 2Page - STMicroelectronics TDA7376PD Datasheet HTML 3Page - STMicroelectronics TDA7376PD Datasheet HTML 4Page - STMicroelectronics TDA7376PD Datasheet HTML 5Page - STMicroelectronics TDA7376PD Datasheet HTML 6Page - STMicroelectronics TDA7376PD Datasheet HTML 7Page - STMicroelectronics TDA7376PD Datasheet HTML 8Page - STMicroelectronics TDA7376PD Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
TDA7376PD
April 2004
■ HIGH OUTPUT POWER CAPABILITY
2 x 40W max./4
Ω
2 x 35W/4
Ω EIAJ
2 x 25W/4
Ω @14.4V, 1KHz, 10%
2 x 25W/2
Ω @14.4V, 1KHz, 10%
■ 2
Ω DRIVING
■ DIFFERENTIAL INPUTS
■ MINIMUM EXTERNAL COMPONENTS
COUNT
■ INTERNALLY FIXED GAIN (26dB)
■ MUTE FUNCTION (CMOS COMPATIBLE)
■ AUTOMUTE AT MINIMUM SUPPLY VOLTAGE
DETECTION
■ STAND-BY FUNCTION
■ NO AUDIBLE POP DURING MUTE AND SY-
BY OPERATIONS
■ CLIPPING DETECTOR WITH
PROGRAMMABLE DISTORTION
THRESHOLD
Protections:
■ SHORT CIRCUIT (OUT TO GROUND, OUT TO
SUPPLY VOLTAGE, ACROSS THE LOAD)
■ OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
■ LOAD DUMP VOLTAGE
■ FORTUITOUS OPEN GROUND
■ LOUDSPEAKER DC CURRENT
■ ESD
DESCRIPTION
The TDA7376PD is a new technology dual bridge
Audio Amplifier in PowerSO36 package designed
for car radio applications. Thanks to the fully com-
plementary PNP/NPN output stage configuration
the TDA7376PD delivers a rail-to-rail voltage
swing with no need of bootstrap capacitors.
PowerSO36 (Slug up)
ORDERING NUMBER: TDA7376PD
2 X 35W POWER AMPLIFIER FOR CAR RADIO
BLOCK DIAGRAM


Similar Part No. - TDA7376PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
302Kb / 14P
2 x 35 W power amplifier for car radio
17-Sep-2013
TDA7376PDTR STMICROELECTRONICS-TDA7376PDTR Datasheet
302Kb / 14P
2 x 35 W power amplifier for car radio
17-Sep-2013
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
TDA7376PD STMICROELECTRONICS-TDA7376PD_V01 Datasheet
302Kb / 14P
2 x 35 W power amplifier for car radio
17-Sep-2013
More results

Similar Description - TDA7376PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7376PD STMICROELECTRONICS-TDA7376PD_09 Datasheet
293Kb / 14P
2 x 35 W power amplifier for car radio
11-Dec-2009
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com