Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XGS Datasheet(PDF) 23 Page - ON Semiconductor

Part # XGS
Description  XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

XGS Datasheet(HTML) 23 Page - ON Semiconductor

Back Button XGS Datasheet HTML 19Page - ON Semiconductor XGS Datasheet HTML 20Page - ON Semiconductor XGS Datasheet HTML 21Page - ON Semiconductor XGS Datasheet HTML 22Page - ON Semiconductor XGS Datasheet HTML 23Page - ON Semiconductor XGS Datasheet HTML 24Page - ON Semiconductor XGS Datasheet HTML 25Page - ON Semiconductor XGS Datasheet HTML 26Page - ON Semiconductor XGS Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
XGS Family
www.onsemi.com
23
MASTER MODE (TRIGGERED)
Figure 17. Master Mode (Triggered)
In Triggered Master Mode, a rising edge on the
TRIG_INT pin is used to trigger the start of integration as
shown in Figure 17. The integration time is defined by
register
configuration
(integration_coarse,
integration_fine). The sensor shall autonomously integrate
during this predefined time, after which the EFOT operation
starts and the image array is read out sequentially. A falling
edge on the synchronization pin does not have any impact on
the readout or integration and subsequent frames are started
again for each rising edge.
Figure 18 below shows the pipelined operation in
triggered master mode (i.e. trigger assertion during frame
readout).
Figure 18. Integration Control in Triggered Master Mode
Note that each trigger reads out only one image.
The latency between a trigger event and the start of the
SFOT operation is constant and predictable. It is defined by
the coarse offset configuration + overhead.
NOTES:
• The trigger is an asynchronous signal which is
synchronized in the SCU. As a consequence,
synchronization jitter can be observed.
• The polarity of the TRIG_INT pin is controlled by
trig_int_polarity. The operation described above
corresponds to trig_int _polarity = ‘0’.
• The response time between a rising edge of TRIG_INT
and the start of integration is fixed, besides the
synchronization uncertainty and jitter.
• Changes in registers such as gain and integration_offset
can be configured to take effect in the same frame
(when uploaded before the raising edge of the trigger
signal) if gain_lat_comp or offset_lat_comp is disabled
or in the next frame (N+1 with readout in N+2) when
gain_lat_comp or offset_lat_comp is enabled. By
default, these registers are enabled in R0x3802.
• The following register is not used in this mode and has
no influence (implicitly defined by the trigger)
♦ frame_length
Minimum integration time limitations are listed in
Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com