Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NFZ2HBM110SN10 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # NFZ2HBM110SN10
Description  NFZ2HBM series is designed to suppress radiation noise from the LED power line around the frequency range from 30MHz to 200MHz.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

NFZ2HBM110SN10 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  NFZ2HBM110SN10 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd NFZ2HBM110SN10 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd NFZ2HBM110SN10 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NFZ2HBM110SN10#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of NFZ2HBM110SN10# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=NFZ2HBM110SN10%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/18/2022
Specifications
Shape
SMD
Size Code (in inch)
1008
Length
2.5mm
Length
 Tolerance
±0.2mm
Width
2.0mm
Width Tolerance
±0.2mm
Thickness
0.9mm
Thickness
 Tolerance
±0.1mm
Operating Temperature
Range
-55
℃ to 125℃
Mass(typ.)
0.022g
Number of Circuit
1
Rated Current (at 85
℃)
800mA
Rated Current (at 125
℃)
800mA
DC Resistance(max.)
0.2Ω
DC Resistance
0.160Ω±25%
Impedance (at 1MHz)
11Ω
Impedance (at 1MHz)
Tolerance
±30%
Size Code (in mm)
2520
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com