Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2N7002WC3VR Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AM2N7002WC3VR
Description  MOSFET 60V, SMALL SIGNAL NMOS MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM2N7002WC3VR Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AM2N7002WC3VR Datasheet HTML 1Page - AiT Semiconductor Inc. AM2N7002WC3VR Datasheet HTML 2Page - AiT Semiconductor Inc. AM2N7002WC3VR Datasheet HTML 3Page - AiT Semiconductor Inc. AM2N7002WC3VR Datasheet HTML 4Page - AiT Semiconductor Inc. AM2N7002WC3VR Datasheet HTML 5Page - AiT Semiconductor Inc. AM2N7002WC3VR Datasheet HTML 6Page - AiT Semiconductor Inc. AM2N7002WC3VR Datasheet HTML 7Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM2N7002W
MOSFET
60V, SMALL SIGNAL NMOS MOSFET
REV1.1
- OCT 2014 RELEASED, MAR 2016 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
TA = 25°C, unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
V(BR)DSS VGS = 0, ID = 10μAdc
60
-
-
Vdc
Zero Gate Voltage Drain Current
IDSS
VGS = 0,
VDS = 60Vdc
TJ = 25°C
-
-
1.0
μAdc
TJ = 125°C
-
-
500
Gate–Body Leakage Current,
Forward
IGSSF
VGS = 20Vdc
-
-
1
μAdc
Gate–Body Leakage Current,
Reverse
IGSSR
VGS = -20Vdc
-
-
-1
μAdc
ON CHARACTERISTICS NOTE2
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μAdc
1.0
1.6
2.5
Vdc
On-State Drain Current
ID(ON)
VDS ≥ 2.0VDS(ON), VGS=10Vdc
500
-
-
mA
Static Drain–Source
On–State Voltage
VDS(ON)
VGS = 10Vdc, ID = 500mAdc
-
-
3.75
Vdc
VGS = 5.0Vdc, ID = 50mAdc
-
-
0.375
Static Drain–Source
On–State Resistance
RDS(ON)
VGS = 10V,
ID = 500mAdc
TC = 25°C
-
1.4
7.5
Ω
TC = 125°C
-
-
13.5
VGS = 5.0Vdc,
ID = 50mAdc
TC = 25°C
-
1.8
7.5
TC = 125°C
-
-
13.5
Forward Transconductance
gFS
VDS ≥2.0VDS(ON),ID=200mAdc
80
-
-
mS
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS = 25Vcd,
VGS = 0,
f = 1.0MHz
-
1.7
50
pF
Output Capacitance
COSS
-
10
25
Reverse Transfer Capacitance
CRSS
-
2.5
5.0
SWITCHING CHARACTERISTICS NOTE7
Turn-On Delay Time
td(ON)
VDD = 25Vdc , ID ≌500mAdc,
RG = 25Ω, RL = 50Ω,
VGEN = 10V
-
7
20
ns
Turn-Off Delay Time
td(OFF)
-
11
40
BODY-DRAIN DIODE RATINGS
Diode Forward On-Voltage
VSD
IS = 115mAdc, VGS = 0V
-
-
-1.5
Vdc
Source Current Continuous
IS
Body Diode
-
-
-115
mAdc
Source Current Pulsed
ISM
-
-
-800
mAdc
NOTE2: Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com