Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BES03R4 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES03R4
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES03R4 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES03R4 Datasheet HTML 1Page - Balluff Korea Ltd. BES03R4 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES Z02KR2-PSC20F-P165-S04-V
Order Code: BES03R4
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 314440
ETIM 6.0: EC002714
BES03R4_0.31_2022-07-15
1 / 2
1) LED Signal 1, 2) LED (Power), 3) LED Signal 2
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Basic standard
IEC 60947-5-2
Display/Operation
Function indicator
yes
Power indicator
yes
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Operating voltage Ub
10...30 VDC
Rated operating current Ie
150 mA
Rated operating voltage Ue DC
24 V
Utilization category
DC -13
Voltage drop static max.
2.5 V
Environmental conditions
Ambient temperature
-25...70 °C
IP rating
IP67
Interface
Switching output
PNP normally open (NO)
Material
Housing material
Plastic
Material sensing surface
Plastic


Similar Part No. - BES03R4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES03R3 BALLUFF-BES03R3 Datasheet
108Kb / 2P
Inductive Sensors
2022-11-10
BES03R5 BALLUFF-BES03R5 Datasheet
108Kb / 2P
Inductive Sensors
2022-12-22
BES03R8 BALLUFF-BES03R8 Datasheet
116Kb / 2P
Inductive Sensors
2023-06-27
BES03R9 BALLUFF-BES03R9 Datasheet
106Kb / 2P
Inductive Sensors
BES03RE BALLUFF-BES03RE Datasheet
112Kb / 2P
Inductive Sensors
More results

Similar Description - BES03R4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com