Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWCS049L Datasheet(PDF) 7 Page - Texas Instruments

Part # SWCS049L
Description  TPS65911 Integrated Power Management Unit Top Specification
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SWCS049L Datasheet(HTML) 7 Page - Texas Instruments

Back Button SWCS049L Datasheet HTML 3Page - Texas Instruments SWCS049L Datasheet HTML 4Page - Texas Instruments SWCS049L Datasheet HTML 5Page - Texas Instruments SWCS049L Datasheet HTML 6Page - Texas Instruments SWCS049L Datasheet HTML 7Page - Texas Instruments SWCS049L Datasheet HTML 8Page - Texas Instruments SWCS049L Datasheet HTML 9Page - Texas Instruments SWCS049L Datasheet HTML 10Page - Texas Instruments SWCS049L Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 144 page
background image
7
TPS65911
www.ti.com
SWCS049S – JUNE 2010 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TPS65911
Revision History
Copyright © 2010–2018, Texas Instruments Incorporated
Detailed Revision History (continued)
Version
Literature Number
Date
Notes
(8)
TPS65911 Data Manual, SWCS049G - Version G:
•
Update Section 5.17, Section 5.18, Section 5.19, Section 5.20:
•
Update turn-on time
•
Update DC line regulation
•
Update Section 5.13
•
Update rated output current IOUTmax.
•
Update Section 5.14 and Section 5.15
•
Update rated output current IOUTmax.
•
Update DC line regulation
•
Update DC load regulation
•
Update Section 5.6
•
Update Related Open-Drain I/Os: GPIO2, GPIO7
•
Update Section 5.16
•
Add Supply Current, Internal Reference Voltage, Output discharge, Output drivers, Boot strap switch, Duty and frequency control,
softstart, current sense protection, UVLO, and thermal shutdown.
•
Remove DC line regulation, DC load regulation, Transient load regulation, Overshoot/undershoot, Rated output IOUTmax, and
Conversion efficiency.
•
Section 5.13 and Section 5.15 - Remove Iout = 1500 mA value
•
Table 6-1 - Update VIO, VDD1, VDD2, and VDDCtrl
•
Figure 1-1 - Update VIO, VDD1, and VDD2
(9)
TPS65911 Data Manual, SWCS049H - Version H:
•
Update Section 5.13
•
Update Rated output current description- add ILMAX bit configuration
•
Update PMOS current limit (high-side) description
•
Update NMOS current limit (high-side) description
•
Update Figure 5-2 - CLK32KOUT out pin name (fixed typo)
•
Update Figure 6-1
•
Update Table 6-35, VIO_REG - Update ILMAX description
•
Update Table 6-36, VDD1_REG - Update ILMAX and and TSTEP field numbers and VGAIN_SEL description
•
Update Table 6-39, VDD2_REG - Update VGAIN_SEL description; align bit field numbering
•
Update Table 6-43, VDDCRTL_OP_REG - Update SEL description
•
Update Table 6-44, VDDCRTL_SR_REG - Update SEL description
•
Update Table 5-4 - tdbPWRONF: PWRON falling-edge debouncing delay - Update unit of measure
•
Update Table 5-5 - Replace tACT2SLP by tACT2SLPCK32K
•
Update Figure 5-5 - Replace tdONVMBHI by tdONPWHOLD
•
Update Table 5-6 - Replace tdONVMBHI by tdONPWHOLD
•
Update Section 6.5.3.6 - Replace 100 µs by 100 ms
•
Update Table 6-56 - Add Bit 0,1, and 3 : TURN OFF RESET to the description
•
Update Table 6-57 - Add TSLOT_LENGTH: TURN OFF RESET to the description
•
Update Table 6-72 - Add footnote
(10) TPS65911 Data Manual, SWCS049I - Version I:
•
Update Section 5.1 - Add VDDIO
•
Update Section 5.3 - Add VDDIO
•
Update Section 5.5 - Remove PWRDN
•
Update - Remove PD from PWRDN
(11) TPS65911 Data Manual, SWCS049J - Version J:
•
Update Section 5.3: Fix typo on HDRST pin
•
Update Section 6.15.1: Update full reset:
•
Full reset: All digital logic of device is reset.
•
Caused by POR (power on reset) when VCC7 < VBNPR and BB < VBNPR
(12) TPS65911 Data Manual, SWCS049K - Version K
•
Update Table 6-3 - Changed VMBCH_REG to EEPROM
(13) TPS65911 Data Manual, SWCS049L - Version L
•
Update Device Comparison Table - Added TPS659116
(14) TPS65911 Data Manual, SWCS049M - Version M
•
Update Device Comparison Table - Added TPS65911062
G
SWCS049G
October 2011
See (8).
H
SWCS049H
May 2012
See (9)
I
SWCS049I
June 2012
See (10)
J
SWCS049J
September 2012
See (11)
K
SWCS049K
December 2012
See (12)
L
SWCS049L
February 2014
See (13)
M
SWCS049M
May 2014
See (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com