Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLW5BSM152SQ2L Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # DLW5BSM152SQ2L
Description  DLW5AH/5BS series is a high performance wound type chip common mode choke coil.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

DLW5BSM152SQ2L Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  DLW5BSM152SQ2L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd DLW5BSM152SQ2L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd DLW5BSM152SQ2L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd DLW5BSM152SQ2L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Search Data Sheet
DLW5BSM152SQ2#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of DLW5BSM152SQ2# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=DLW5BSM152SQ2%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated07/26/2022
Specifications
Shape
SMD
Size Code (in mm)
5050
Size Code (in inch)
2020
Length
5.0mm
Length
 Tolerance
±0.3mm
Width
5.0mm
Width Tolerance
±0.3mm
Thickness
4.5mm
Thickness
 Tolerance
max.
Common Mode Impedance
(at 100MHz)
1500Ω
Common Mode Impedance
(at 100MHz) Tolerance
(Typ.)
Common Mode Impedance
(at 10MHz)
150Ω
Common Mode Impedance
(at 10MHz) Tolerance
min.
Rated Current
1A
Derating of Rated Current
No
Rated Voltage
50Vdc
Withstanding Voltage
125Vdc
DC Resistance(max.)
0.1Ω
DC Resistance
0.1Ω max.
Insulation Resistance(min.)
10MΩ
Operating Temperature
Range
-40
℃ to 85℃
Mass(typ.)
0.3g
Number of Circuit
1
Operating Temperature
Range(Self-temperature rise
is included)
No
Brand
Murata
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com