Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR130LSFT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR130LSFT1
Description  Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR130LSFT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MBR130LSFT1 Datasheet HTML 1Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 2Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 3Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 4Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 5Page - ON Semiconductor MBR130LSFT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR130LSFT1
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
10
1
0.1
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
10E−6
100E−6
30
20
10
0
100E−9
TJ = 125°C
0.20
0.40
0.80
TJ = 100°C
10
1
0.1
VF, MAXIMUM INSTANTANEOUS FORWARD
VOLTAGE (VOLTS)
0.10
0.30
0.50
TJ = 125°C
TJ = −55°C
TJ = 25°C
0.20
0.40
0.70
TJ = 100°C
0.60
1E−3
1E−6
10E−9
1E−9
TJ = −55°C
TJ = 25°C
TJ = 100°C
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
10E−6
100E−6
30
20
10
0
TJ = 125°C
1E−3
1E+0
TJ = −55°C
TJ = 25°C
TJ = 100°C
Figure 5. Current Derating
25
45
85
65
0
1.0
TL, LEAD TEMPERATURE (°C)
Figure 6. Forward Power Dissipation
0.2
0.6
0.8
1.2
0
0.4
1
0.6
0
0.3
IO, AVERAGE FORWARD CURRENT (AMPS)
0.2
0.4
0.6
0.8
1.8
1.2
1.4
1.6
SQUARE WAVE
dc
Ipk/IO = 20
1.4
1.8
1.6
0.1
0.2
0.5
0.4
105
145
125
Ipk/IO = 10
Ipk/IO = 5
Ipk/IO = p
freq = 20 kHz
dc
SQUARE
WAVE
Ipk/IO = p
Ipk/IO = 5
Ipk/IO = 10
Ipk/IO = 20
0.60
0.70



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com