Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CSM04T-I/SN Datasheet(PDF) 29 Page - Microchip Technology

Part # 25CSM04T-I/SN
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04T-I/SN Datasheet(HTML) 29 Page - Microchip Technology

Back Button 25CSM04T-I/SN Datasheet HTML 25Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 26Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 27Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 28Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 29Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 30Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 31Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 32Page - Microchip Technology 25CSM04T-I/SN Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 29
25CSM04
9.0
SECURITY REGISTER
The Security register is segmented into one 256-byte
read-only page and one 256-byte user-programmable
lockable ID page. The user-programmable lockable ID
page supports both byte write and page write
sequences. The user-programmable lockable ID page
may be permanently locked at any time with the LOCK
instruction. The Security register lock state can be
verified at any time with CHLK instruction.
9.1
Reading from the Security
Register
Reading the Security register contents from 25CSM04
follows a similar sequence to reading the EEPROM but
a different opcode and specific address data is
required. To read the Security register, first drive the CS
low to select the device, then send the RDEX (83h)
instruction via the SI line followed by the 24-bit address
to be read.
Upon completion of the 24-bit address, any data on the
SI line will be ignored. The data (D7 – D0) at the
specified address is then shifted out onto the SO line. If
only one byte is to be read, the CS line should be driven
high after the data comes out. The read sequence can
be continued since the byte address is automatically
incremented and data will continue to be shifted out.
When the highest address is reached (0001FFh), the
address counter will “rollover” to the lowest address
(000000h) allowing the entire Security register to be
read in one continuous read cycle regardless of the
starting address.
FIGURE 9-1:
READ SECURITY REGISTER (RDEX) SEQUENCE
TABLE 9-1:
SECURITY REGISTER ORGANIZATION
Security Register Byte Number
0
1
...
254
255
256
257
...
510
511
Factory-Programmed (Read-only)
0-15: Device Serial Number
16-255: Reserved for Future Use
User-Programmable (Lockable)
Note:
Address bits A23 through A9 are “don’t
care” bits, except A10 which must be a
logic ‘0’.
CS
SCK
1
0
2 3 4
567
8
910 11 12
40 41
39
38
37
36
35
34
33
32
31
30
29
10 0 0 00 11
A A A
RDEX Opcode (83h)
Address Bits A23-A0(1)
XX XX X X
SI
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6
Data Byte 1
SO
MSb
MSb
MSb
MSb
High-Impedance
Note 1: Address bit A10 must be ‘0’ to read the Security register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com