Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CSM04-I/MF Datasheet(PDF) 15 Page - Microchip Technology

Part # 25CSM04-I/MF
Description  4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CSM04-I/MF Datasheet(HTML) 15 Page - Microchip Technology

Back Button 25CSM04-I/MF Datasheet HTML 11Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 12Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 13Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 14Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 15Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 16Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 17Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 18Page - Microchip Technology 25CSM04-I/MF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiares
DS20005817D-page 15
25CSM04
4.4
Hold Function
The HOLD pin is used to pause the serial
communication with the device without having to stop
or reset the clock sequence. The Hold mode, however,
does not have an effect on the internal write cycle.
Therefore, if a write cycle is in progress, asserting the
HOLD pin will not pause the sequence and the write
cycle will continue until it is finished.
The Hold mode can only be entered while the CS pin is
asserted. The Hold mode is activated by asserting the
HOLD pin during the SCK low pulse. If the HOLD pin is
asserted during the SCK high pulse, then the Hold
mode will not be started until the beginning of the next
SCK low pulse. The device will remain in the Hold
mode as long as the HOLD pin and CS pin are
asserted.
While in Hold mode, the SO pin will be in a high-imped-
ance state. In addition, both the SI pin and the SCK pin
will be ignored. The WP pin, however, can still be
asserted or deasserted while in the Hold mode.
To end the Hold mode and resume serial communica-
tion, the HOLD pin must be deasserted during the SCK
low pulse. If the HOLD pin is deasserted during the
SCK high pulse, then the Hold mode will not end until
the beginning of the next SCK low pulse.
If the CS pin is deasserted while the HOLD pin is still
asserted, then any sequence that may have been
started will be aborted.
FIGURE 4-2:
HOLD MODE
4.5
Write Protection
The 25CSM04 write protection schemes are first
controlled by the state of Write Protection Mode (WPM)
bit in the STATUS register (bit 7, byte 1). The device
can be set for either Legacy Write Protection mode or
Enhanced Write Protection mode by the state of the
WPM bit.
The write protection mode can be made permanent by
executing the FRZR instruction. This can be done in
both Legacy Write Protection mode and Enhanced
Write Protection mode. Refer to Section 4.5.4 “Freeze
Memory Protection Configuration (FRZR)” for
details.
4.5.1
LEGACY WRITE PROTECTION
MODE
In Legacy Write Protection mode, the EEPROM array
can only be programmed in accordance with how the
Block Protect bits in the STATUS register are
programmed.
Refer
to
Section 6.1.2
“Block
Write-Protect Bits” for details.
Additionally, the contents of the STATUS register can
be protected by enabling the Write-Protect Enable
(WPEN) bit in the STATUS register.
When the WPEN function is enabled, the STATUS reg-
ister contents will be protected when the WP pin is
asserted (low). Details about the WPEN function are
provided in Section 6.1.1 “Write-Protect Enable Bit”.
4.5.2
ENHANCED WRITE PROTECTION
MODE
In Enhanced Write Protection mode, the EEPROM
protection is determined by the contents of the Memory
Partition Registers (MPR). Each MPR can be
programmed to specify the ending address of a given
partition as well as to set the desired protection
behavior of that partition.
Full details about the Memory Partition registers can be
found in Section 10.0 “Memory Partition Functional-
ity”.
HOLD
CS
Hold
SCK
Hold
Hold
Note:
If Enhanced Write Protection mode is
disabled, the MPRs will be ignored
regardless of their configured behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com