Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSZ8765CLXIC Datasheet(PDF) 76 Page - Microchip Technology

Part # KSZ8765CLXIC
Description  Integrated 5-Port 10/100-Managed Ethernet Switch with Gigabit GMII/RGMII and MII/ RMII Interfaces
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8765CLXIC Datasheet(HTML) 76 Page - Microchip Technology

Back Button KSZ8765CLXIC Datasheet HTML 72Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 73Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 74Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 75Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 76Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 77Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 78Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 79Page - Microchip Technology KSZ8765CLXIC Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
KSZ8765CLX
DS00002130C-page 76
 2022 Microchip Technology Inc. and its subsidiaries
0
Insert Source
Port PVID for
Untagged
Packet Desti-
nation to
Lowest
Egress Port
Register 176: Insert source Port 1 PVID for
untagged frame at egress Port 2
Register 192: Insert source Port 2 PVID for
untagged frame at egress Port 1
Register 208: Insert source Port 3 PVID for
untagged frame at egress Port 1
Register 224: Insert source Port 4 PVID for
untagged frame at egress Port 1
Register 240: Insert source Port 5 PVID for
untagged frame at egress Port 1
Note: Enabled by the Register 135 Bit[2].
R/W
0
Register 177 (0xB1): Port 1 Control 13
Register 193 (0xC1): Port 2 Control 13
Register 209 (0xD1): Port 3 Control 13
Register 225 (0xE1): Port 4 Control 13
Register 241 (0xF1): Port 5 Control 13
7 - 2
Reserved
—
RO
000000
1
4 Queue Split
Enable
This bit, in combination with Register16/32/48/64/
80 Bit[0], will select the split of 1, 2, and 4 queues:
{Register 177 Bit[1], Register 16 Bit[0] = }:
11 = Reserved.
10 = The port output queue is split into four priority
queues or if map 802.1p to priority 0-3 mode.
01 = The port output queue is split into two priority
queues or if map 802.1p to priority 0-3 mode.
00 = Single output queue on the port. There is no
priority differentiation even though packets are
classified into high and low priority.
R/W
0
0
Enable Drop-
ping Tag
0 = Disable tagged packets drop
1 = Enable tagged packets drop
R/W
0
Register 178 (0xB2): Port 1 Control 14
Register 194 (0xC2): Port 2 Control 14
Register 210 (0xD2): Port 3 Control 14
Register 226 (0xE2): Port 4 Control 14
Register 242 (0xF2): Port 5 Control 14
7
Enable Port
Transmit
Queue 3
Ratio
0 = Strict priority, will transmit all the packets from
this priority queue 3 before transmit lower priority
queue.
1 = Bits[6:0] reflect the packet number allow to
transmit from this priority queue 3 within a certain
time.
R/W
1
6 - 0
Port Trans-
mit Queue 3
Ratio[6:0]
Packet number for Transmit Queue 3 for highest
priority packets in four queues mode.
R/W
0001000
TABLE 4-13:
ADDITIONAL ADVANCED CONTROL REGISTERS (Note 4-1) (CONTINUED)
Address
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com