Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V51T-E/MS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP6V51T-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V51T-E/MS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP6V51T-E/MS Datasheet HTML 19Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 20Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 21Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 22Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 23Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V51T-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 23
MCP6V51/2/4
Figure 4-6 shows one approach of protecting the inputs
against Overvoltage conditions with external diodes.
The device marked as DExt may be small-signal silicon
diodes, or Schottky diodes, for lower clamping
voltages, or diode connected FETs for low leakage.
Depending on the application, the additional diode
capacitance should be considered.
FIGURE 4-6:
Protecting the Analog Inputs
Against High Voltages.
A current limit resistor (RLimit) may be needed to
prevent excessive current flow through the external
diodes (DExt). If the amplifier inputs will be subjected to
Overvoltage conditions as part of the application, an
additional resistor (RIN) in series with the vulnerable
input pin (here VIN+) may be needed to limit the Fault
current to a safe level (e.g., 2 mA).
4.2.1.3
Input Current Limits
In order to prevent damage and/or improper operation of
these amplifiers, the circuit must limit the currents into the
input pins (see
Section 1.1 “Absolute Maximum
Ratings†”). This requirement is independent of the
voltage limits discussed previously. Figure 4-7 shows
one approach to protecting these inputs. The R1 and R2
resistors limit the possible current in or out of the input
pins (and into D1 and D2).
FIGURE 4-7:
Protecting the Analog Inputs
Against High Currents.
It is also possible to connect the diodes to the left of the
R1 and R2 resistors. In this case, the currents through
the D1 and D2 diodes need to be limited by some other
mechanism (see Figure 4-6). The resistors then serve
as inrush current limiters; the DC current into the input
pins (VIN+ and VIN-) should be very small.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the Common-
Mode Voltage (VCM) is below ground (VSS). See
Figure 2-16 for further details.
4.2.2
INTEGRATED EMI FILTER
The MCP6V5X op amps have an integrated low-pass
filter in their inputs for the dedicated purpose of
reducing any Electromagnetic or RF Interference (EMI,
RFI). The on-chip filter is designed as a second-order
RC low-pass, which sets a bandwidth limit of
approximately 115 MHz and attenuates the high-
frequency interference. Performance results of the
MCP6V51/2/4 devices’ EMI Rejection Ratio (EMIRR)
under various conditions can be seen in Figure 2-31.
4.2.3
RAIL-TO-RAIL OUTPUT
The output voltage range of the MCP6V51/2/4
zero-drift op amps is typically VDD – 100 mV and
VSS + 50 mV when RL = 10 kΩ is connected to VDD/2
and VDD = 45V. Refer to Figure 2-18, Figure 2-19 and
Figure 2-20 for more information.
4.2.4
THERMAL SHUTDOWN
Under certain operating conditions, the MCP6V5X ampli-
fier can be subjected to a rise of its die temperature
above the specified maximum junction temperature of
+150°C. To control possible overheating and damage,
the MCP6V5X amplifier has internal thermal shutdown
circuitry. Especially when operating with the maximum
supply voltage of 45V, observe that the ambient tempera-
ture and/or the amplifier’s output current are such that the
junction temperature remains below the specified limit.
To estimate the Junction Temperature (TJ), consider
these factors: the total Power Dissipation of the device
(PD) and theAmbient Temperature at the device package
(TA), and use Equation 4-1 below.
EQUATION 4-1:
V1
R1
VDD
D1
VOUT
V2
R2
D2
U1
MCP6V5X
+
–
min(R1 R2
VSS min V1 V2
–
5 mA
--------------------------------------------
min(R1 R2
max V1 V2
VDD
–
5 mA
------------------------------------------------
TJ
PD JA TA
+
=
Where:
JA = The thermal resistance between the die
and the ambient environment, as shown
in Temperature Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com