Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V52T-E/MS Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6V52T-E/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V52T-E/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6V52T-E/MS Datasheet HTML 23Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 24Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 25Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 26Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 27Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 28Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 29Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 30Page - Microchip Technology MCP6V52T-E/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006136B-page 27
MCP6V51/2/4
4.3.11.3
Miscellaneous Effects
Keep the resistances seen by the input pins as small,
and as near to equal as possible, to minimize bias
current related offsets.
Make the (trace) capacitances seen by the input pins
small and equal. This is helpful in minimizing switching
glitch induced offset voltages.
Bending a coax cable with a radius that is too small
causes a small voltage drop to appear on the center
conductor (the triboelectric effect). Make sure the
bending radius is large enough to keep the conductors
and insulation in full contact.
Mechanical stresses can make some capacitor types
(such as some ceramics) to output small voltages. Use
more appropriate capacitor types in the signal path and
minimize mechanical stresses and vibration.
Humidity can cause electrochemical potential voltages
to appear in a circuit. Proper PCB cleaning helps, as
does the use of encapsulants.
4.4
Typical Applications
4.4.1
LOW-SIDE CURRENT SENSE
The Common-Mode input range of the MCP6V51/2/4
typically extends to 0.3V below ground (VSS), which
makes this amplifier a good choice for low-side current
sense application, especially where operation on
higher supply voltages is required. One such example
is shown in Figure 4-11. Here, the Load Current (IL)
ranges from 0A to 1.5A, which results in a voltage drop
across the shunt resistor of 0 to 75 mV. The gain on the
MCP6V51/2/4 is set to 201 V/V, which gives an output
voltage range of about 0V to +15V.
FIGURE 4-11:
Low-Side Current Sense for
1.5A Maximum Load Current.
This circuit example can be adapted to a wide range of
similar applications:
• For VDD voltages from 4.5V up to 45V
• Adjusting the shunt resistor and/or gain for higher
or lower load currents.
Because the MCP6V51/2/4 has a very low offset drift
and virtually no 1/f noise, very small shunt resistor
values can be selected, which helps in mediating the
heating and size problems that may arise in such
applications.
4.4.2
WHEATSTONE BRIDGE
Many sensors are configured as Wheatstone bridges.
Strain gauges and pressure sensors are two common
examples. These signals can be small and the
Common-Mode noise large. Amplifier designs with
high differential gain are desirable.
Figure 4-12 shows how to interface to a Wheatstone
bridge with a minimum of components. Because the
circuit is not symmetric, the ADC input is single-ended
and there is a minimum of filtering; the CMRR is good
enough for moderate Common-Mode noise.
FIGURE 4-12:
Simple Design.
RF
8.2 nF
VOUT
40 VDD
RSHUNT
RG
0.05Ω
20 kΩ
100Ω
U1
MCP6V51
+
–
40 VDD
CF
Load
IL
VDD
R R
R R
100R
0.01C
ADC
+5V
0.2R
0.2R
1 kΩ
U1
MCP6V51
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com