Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V5XTE/MS Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6V5XTE/MS
Description  45V, 2 MHz Zero-Drift Op Amp with EMI Filtering
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V5XTE/MS Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6V5XTE/MS Datasheet HTML 20Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 21Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 22Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 23Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 24Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 25Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 26Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 27Page - Microchip Technology MCP6V5XTE/MS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MCP6V51/2/4
DS20006136B-page 24
2018-2022 Microchip Technology Inc. and its subsidiaries
To derive the power dissipation of the device, add the
terms for the devices’ quiescent power and the load
power, as shown in Equation 4-2:
EQUATION 4-2:
This assumes that the device is sourcing the load
current (i.e., current flowing from the VDD supply into
the load). Use the term (IOUT ×(VOUT – VSS)) when the
device is sinking current. Note that this simple example
assumes a constant (DC) signal current flow.
The thermal shutdown circuitry activates as soon as
the junction temperature reaches approximately
+175°C, causing the amplifier’s output stage to be tri-
stated (high-impedance), effectively disabling any
output current flow. The amplifier will remain in this
disabled state until the junction temperature has cooled
down to approximately +160°C. At this point, the
thermal shutdown circuitry will enable the output stage
of the MCP6V5X amplifier and the device will resume
normal operation.
If a Fault condition persists, for example, the amplifier’s
output (VOUT) is shorted causing excessive output
current, the thermal shutdown circuity may be triggered
again and the previously described cycle repeats. This
may continue until the Fault condition is removed.
It should be noted that the thermal shutdown feature of
the MCP6V5X does not ensure that the device will
remain undamaged when operated under stress
conditions, during which the device is placed into the
Shutdown mode.
4.3
Application Tips
4.3.1
INPUT OFFSET VOLTAGE OVER
TEMPERATURE
The
DC Electrical Specifications table gives both the
linear and quadratic temperature coefficients (TC1 and
TC2) of the input offset voltage. The input offset
voltage, at any temperature in the specified range, can
be calculated as follows:
EQUATION 4-3:
4.3.2
DC GAIN PLOTS
Figure 2-8, Figure 2-9 and Figure 2-10 are histograms
of the reciprocals (in units of µV/V) of CMRR, PSRR
and AOL, respectively. They represent the change in
Input Offset Voltage (VOS) with a change in Common-
Mode Input Voltage (VCM), Power Supply Voltage
(VDD) and Output Voltage (VOUT).
The 1/AOL histogram is centered near 0 µV/V because
the measurements are dominated by the op amp’s
input noise. The negative values shown represent
noise and tester limitations, not unstable behavior.
Production tests make multiple VOS measurements,
which validates an op amp’s stability; an unstable part
would show greater VOS variability or the output would
stick at one of the supply rails.
4.3.3
OFFSET AT POWER-UP
When these parts power up, the Input Offset (VOS)
starts at its uncorrected value (usually less than
±5 mV). Circuits with high DC gain may cause the
output to reach one of the two rails. In this case, the
time to a valid output is delayed by an Output Overdrive
Time (tODR), in addition to the Start-up Time (tSTR).
To avoid this extended start-up time, reducing the gain
is one method. Adding a capacitor across the
Feedback Resistor (RF) is another method.
4.3.4
SOURCE RESISTANCES
The input bias currents have two significant
components: switching glitches that dominate at room
temperature and below, and input ESD diode leakage
currents that dominate at +85°C and above.
Make the resistances seen by the inputs small and
equal. This minimizes the output offset voltage caused
by the input bias currents.
The inputs should see a resistance in the order of 10Ω
to 1 kΩ at high frequencies (i.e., above 1 MHz). This
helps minimize the impact of switching glitches, which
are very fast, on overall performance. In some cases, it
may be necessary to add resistors in series with the
inputs to achieve this improvement in performance.
Small input resistances may be needed for high gains.
Without them, parasitic capacitances might cause
positive feedback and instability.
4.3.5
SOURCE CAPACITANCE
The capacitances seen by the two inputs should be
small. Large input capacitances and source
resistances, together with high gain, can lead to
instability.
PD
VDD VSS
–
IQ IOUT VDD VOUT
–
+
=
VOS TA
 
VOS TC1T TC2T
2
+
+
=
Where:
T = TA – 25°C
VOS(TA) = Input offset voltage at TA
VOS = Input offset voltage at +25°C
TC1 = Linear temperature coefficient
TC2 = Quadratic temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com