Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATAS80-2C Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATAS80-2C
Description  Auto Iron
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATAS80-2C Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATAS80-2C Datasheet HTML 1Page - Analog Technologies, Inc. ATAS80-2C Datasheet HTML 2Page - Analog Technologies, Inc. ATAS80-2C Datasheet HTML 3Page - Analog Technologies, Inc. ATAS80-2C Datasheet HTML 4Page - Analog Technologies, Inc. ATAS80-2C Datasheet HTML 5Page - Analog Technologies, Inc. ATAS80-2C Datasheet HTML 6Page - Analog Technologies, Inc. ATAS80-2C Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 748-9111
www.analogtechnologies.com
Copyrights 2000-2018, Analog Technologies, Inc. All Rights Reserved. Updated on 3/22/2018
www.analogti.com
2
Analog Technologies
ATAS80
Auto Iron
SPECIFICATION
Table 1. Parameters
Power Consumption
80W
Power Supply Voltage
AC110V/AC220V
Temperature Stability
±1°C (no load)
Output Voltage
AC 24V
Impedance between soldering
tips and grounding
below 2Ω
Potential between soldering
tips and grounding
below 2mV
Password setting range
001~999
(000 no password)
Temperature setting range
150°C ~450°C
Sleeping temperature range
50°C (the lowest)
Sleeping time setting range
1~60mins
(0 = no sleep)
SOLDERING TEMPERATURE REFERENCE
A proper temperature plays an important role in hand-soldering. The most common defect when hand-soldering results from
not reaching the correct temperature for the solder to flow correctly, resulting in a ‘cold solder’ joint.
Proper soldering temperature and time for different components are recommended in the Table 2.
Table 2. Soldering Temperature Reference Table
Component Name
Soldering Temperature
Soldering Time
High-pin-density IC
(Pin pitch <2mm)
350±10°C
≤3s
Low-pin-density IC
(Pin pitch ≥2mm)
300±10°C
≤3s
Optical coupler
350±10°C
≤3s
MOSFET
300±10°C
≤3s
Transistor
300±10°C
≤3s
Infrared light tube
300±10°C
≤3s
LED
300±10°C
≤3s
Crystal oscillator
300±10°C
≤3s
Resistor
300±10°C
≤5s
Capacitor
300±10°C
≤5s
Inductor
300±10°C
≤5s
Note: The data in table 1 is for reference only. Your particular needs might vary.
Soldering tip



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com