Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS70LP-7B Datasheet(PDF) 7 Page - Analog Technologies, Inc.

Part # BAS70LP-7B
Description  MagI3C Power Modules DNS002 MagI3C Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

BAS70LP-7B Datasheet(HTML) 7 Page - Analog Technologies, Inc.

  BAS70LP-7B Datasheet HTML 1Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 2Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 3Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 4Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 5Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 6Page - Analog Technologies, Inc. BAS70LP-7B Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Reference Design Note
MagI3C Power Modules
DNS002 MagI3C Power Supply
DNS002 V2.0
Roland Kratz - December 2018
Page 7/8
Copyright © Würth Elektronik eiSos GmbH & Co. KG
7. Bill of Material
Designator
Value
Description
Quantity
Package
Manufacturer
Order Code
C1
100µ/50V
Electrolytic Capacitor
1
Würth Elektronik
860010674014
C2,C3,C4
10µ/50V/X5R
Ceramic Capacitor
3
1210
C5
100n/50V/X7R
Ceramic Capacitor
1
0603
Würth Elektronik
885012206095
C6,C7,C8
22µ/25V/X5R
Ceramic Capacitor
3
1210
Würth Elektronik
885012109014
C9
470µ/25V
Electrolytic Capacitor
1
Würth Elektronik
860020474014
C10,C11
1µ/50V/X5R
Ceramic Capacitor
2
0603
C12,C13
100n/16V/X5R
Ceramic Capacitor
2
0402
Würth Elektronik
885012105016
C14-C19
4n7/16V/X7R
Ceramic Capacitor
6
402
Würth Elektronik
885012205029
CON1,CON2
Terminal Block
2
Würth Elektronik
608000502000
D1,D3
BAS70LP-7B
Diode
2
0402
Diodes
Incorporated
BAS70LP-7B
D2
LED green
LED green
1
0603
Würth Elektronik
150060VS75000
D4,D5
LED red
LED red
2
0603
Würth Elektronik
150060RS75000
IC1
171021501
MagI3C Power Module
1
QFN41
Würth Elektronik
171021501
IC2
MAX15006
Linear Regulator
1
6TDFN
Maxim
MAX15006BATT
IC3,IC5
LM258QT
Operational Amplifier
2
DFN8
STMicroelectronics
LM258QT
R1,R15,R20
20.0kΩ 1%/100ppm
Resistor
3
0402
R2
1.87kΩ 1%/100ppm
Resistor
1
0402
R3
50mΩ
Shunt Resistor
1
1210
Isabellenhütte
VMP-R050-1.0
R4
18.7kΩ 1%/100ppm
Resistor
1
0402
R5,R11-R14,
R21,R23,R24 1.00kΩ 1%/100ppm
Resistor
8
0402
R6-
R8,R10,R22,
R27,R28
10.0kΩ 1%/100ppm
Resistor
7
0402
R9
4.75kΩ 1%/100ppm
Resistor
1
0402
R16,R32
2.00kΩ 1%/100ppm
Resistor
2
0402
R17-R19
1.00MΩ 1%/100ppm
Resistor
3
0402
R29,R30
20KΩ
Potentiometer
2
Bourns
PCW1JC24BAB1
03L
SW1
Switch
1
NKK
G12JPCF
T1-T4
BC846B
NPN Transistor
4
SOT323/
SC70
OnSemiconductor
BC846B
TP1-TP4
Testpoint
Pin Fork Teminal
4
WE/Stelvio Kontek
3110325000500
Figure 5. Bill of Material



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com