Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NJVMJD112G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NJVMJD112G
Description  Complementary Darlington Power Transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJVMJD112G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NJVMJD112G Datasheet HTML 3Page - ON Semiconductor NJVMJD112G Datasheet HTML 4Page - ON Semiconductor NJVMJD112G Datasheet HTML 5Page - ON Semiconductor NJVMJD112G Datasheet HTML 6Page - ON Semiconductor NJVMJD112G Datasheet HTML 7Page - ON Semiconductor NJVMJD112G Datasheet HTML 8Page - ON Semiconductor NJVMJD112G Datasheet HTML 9Page - ON Semiconductor NJVMJD112G Datasheet HTML 10Page - ON Semiconductor NJVMJD112G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MJD112 (NPN), MJD117 (PNP)
http://onsemi.com
6
IC, COLLECTOR CURRENT (AMP)
NPN MJD112
PNP MJD117
Figure 7. DC Current Gain
Figure 8. Collector Saturation Region
Figure 9. “On Voltages
0.04
IC, COLLECTOR CURRENT (AMP)
300
0.06
0.2
2 k
800
4 k
VCE = 3 V
TJ = 125°C
3 k
0.1
0.6
25
°C
-55
°C
1 k
0.4
1
6 k
400
600
2
4
0.04
300
0.06
0.2
2 k
800
4 k
3 k
0.1
0.6
25
°C
-55
°C
1 k
0.4
1
6 k
400
600
24
3.4
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.6
0.1
0.2
0.5
10
25
IC =
0.5 A
1 A
1
3
1
0.04
IC, COLLECTOR CURRENT (AMP)
1.4
1
2.2
1.8
0.6
0.2
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3 V
VCE(sat) @ IC/IB = 250
0.06
0.2
2
0.1
0.6
0.4
1
4
0.04
IC, COLLECTOR CURRENT (AMP)
1.4
1
2.2
1.8
0.6
0.2
TJ = 25°C
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
0.06
0.2
2
0.1
0.6
0.4
1
4
20
50
100
3.4
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.6
0.1
0.2
0.5
10
25
1
3
1
20
50
100
VBE @ VCE = 3 V
TC = 125°C
VCE = 3 V
4 A
TJ = 125°C
2 A
TJ = 125°C
IC =
0.5 A
1 A
4 A
2 A
TYPICAL ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com