Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

15412085BA400 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 15412085BA400
Description  WL-SICW SMT Infrared Chip LED Waterclear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

15412085BA400 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  15412085BA400 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 15412085BA400 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 15412085BA400 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 15412085BA400 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 15412085BA400 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 15412085BA400 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 15412085BA400 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 15412085BA400 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical & Optical Properties:
Properties
Test conditions
Value
Unit
min.
typ.
max.
Peak Wavelength
λPeak
20 mA
850
nm
Centroid Wavelength
λCentroid
20 mA
850
nm
Radiant Intensity
Ie
20 mA
1
2.5
mW/sr
Forward Voltage
VF
20 mA
1.4
2
V
Spectral Bandwidth
Δλ
20 mA
30
nm
Reverse Current
IREV
5 V
10
µA
Viewing Angle Phi 0°
50%
20 mA
140
°
Certification:
RoHS Approval
Compliant [ 2011/65/EU&2015/863 ]
REACh Approval
Conform or declared [ (EC)1907/2006 ]
Halogen Free
Conform [ IEC 61249-2-21 ]
Halogen Free
Conform [ JEDEC JS709B ]
Viewing Angle:
100
100
90
90
80
80
70
70
60
60
50
50
40
40
30
30
20
20
10
10
0
0
°
10
°
20
°
30
°
40
°
45
°
50
°
60
°
70
°
80
°
90
°
-45
-90
-70
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
ZAn
001.000
2019-12-19
DIN ISO 2768-1m
DESCRIPTION
WL-SICW SMT Infrared Chip LED
Waterclear
ORDER CODE
15412085BA400
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
1206
eiPal
Valid
2/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com