Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATP16-DL5-R-00B4S-AG Datasheet(PDF) 4 Page - C&K Components

Part # ATP16-DL5-R-00B4S-AG
Description  Anti-Vandal Sealed Pushbutton Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATP16-DL5-R-00B4S-AG Datasheet(HTML) 4 Page - C&K Components

  ATP16-DL5-R-00B4S-AG Datasheet HTML 1Page - C&K Components ATP16-DL5-R-00B4S-AG Datasheet HTML 2Page - C&K Components ATP16-DL5-R-00B4S-AG Datasheet HTML 3Page - C&K Components ATP16-DL5-R-00B4S-AG Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A-134
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
ATP16 Series
Anti-Vandal Sealed Pushbutton Switch
PANEL CUTOUT
HARDWARE
HEX NUT
Order PN: ATP16-HN
O RING
Order PN: ATP16-OR
t
u
o
t
u
c
l
e
n
a
P
g
n
i
h
s
u
B
4
M
&
4
B
,
3
B
g
n
i
h
s
u
B
0
g
M
n
i
h
s
u
b
e
p
a
h
s
D
.584
(14.83)
.584
(16.00)
.630
(16.00)
.630
(16.00)
.606
(15.4)
B3, B4 & M4
DOUBLE D
M0
ROUND
E
R
A
W
D
R
A
H
t
u
n
x
e
g
H
n
i
R
-
O
.11
(2.9)
.75
(19)
.5
(ø12.85)
.04
(ø1)
5 Jul 22
B3 & B4
D SHAPE
LOCK
TERMINATION
n
o
i
t
a
n
i
m
r
e
T
g
u
l
r
e
d
l
o
S
-
4
0
)
k
c
o
L
(
m
m
0
0
5
d
a
e
l
e
r
i
W
-
1
W
.02
(0.5)
.11
(2.74)
.130
(3.30)
.18
(4.5)
.08
(2)
.02
(0.5)
Heat shrink tube
(with/without resistor for LED)
04 SOLDER LUG
n
o
i
t
a
n
i
m
r
e
T
g
u
l
r
e
d
l
o
S
-
4
0
)
k
c
o
L
(
m
m
0
0
5
d
a
e
l
e
r
i
W
-
1
W
.02
(0.5)
.11
(2.74)
.130
(3.30)
.18
(4.5)
.08
(2)
.02
(0.5)
Heat shrink tube
(with/without resistor for LED)
W1 WIRE LEAD 500MM*
MOMENTARY
LOCK
* Available upon request, please consult your sales representative for details.
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com