Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATP16-DL5-R-06M4-S-AG Datasheet(PDF) 3 Page - C&K Components

Part # ATP16-DL5-R-06M4-S-AG
Description  Anti-Vandal Sealed Pushbutton Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATP16-DL5-R-06M4-S-AG Datasheet(HTML) 3 Page - C&K Components

  ATP16-DL5-R-06M4-S-AG Datasheet HTML 1Page - C&K Components ATP16-DL5-R-06M4-S-AG Datasheet HTML 2Page - C&K Components ATP16-DL5-R-06M4-S-AG Datasheet HTML 3Page - C&K Components ATP16-DL5-R-06M4-S-AG Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
A-133
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A
ATP16 Series
Anti-Vandal Sealed Pushbutton Switch
CIRCUIT
5 Jul 22
)
k
c
o
L
(
d
e
L
t
u
o
h
t
i
d
W
e
L
r
o
l
o
C
e
l
g
n
i
d
S
e
L
r
o
l
o
C
l
a
u
D
d
e
L
r
o
l
o
C
B
G
R
6 / 12 / 24V LED
3V LED
6 / 12 / 24V LED
3V LED
R
3V LED
6 / 12 / 24V LED
R
R
R
R
R
SINGLE COLOR LED
DUAL COLOR LED
MOMENTARY
RGB LED
)
k
c
o
L
(
d
e
L
t
u
o
h
t
i
d
W
e
L
r
o
l
o
C
e
l
g
n
i
d
S
e
L
r
o
l
o
C
l
a
u
D
d
e
L
r
o
l
o
C
B
G
R
6 / 12 / 24V LED
3V LED
6 / 12 / 24V LED
3V LED
R
3V LED
6 / 12 / 24V LED
R
R
R
R
R
SINGLE COLOR LED
DUAL COLOR LED
LOCK
R: Resistor value is according to the LED voltage applied.
Resistor value
(Apply LED Voltage)
LED input 3 VDC, 47 ohms
(Red/Yellow/Orange LED type only)
LED input 6 VDC, 180 ohms
LED input 12 VDC, 470 ohms
LED input 24 VDC, 1000 ohms
Ohms value of resistance tolerance: ±5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com