Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

575667 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 575667
Description  End plate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

575667 Datasheet(HTML) 1 Page - Festo Corporation.

  575667 Datasheet HTML 1Page - Festo Corporation. 575667 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
End plate
VMPAL-EPL-IPO32
Part number: 575667
Data sheet
Feature
Value
Width
64.8 mm
Length
107.3 mm
Reverse polarity protection
for operating voltage
Mounting position
Any
Diagnostics
Load supply undervoltage
Max. no. of valve positions
32
Valve manifold design
Valve sizes can be mixed
Max. no. of solenoid coils
32
Operating pressure
-0.09 MPa ... 1 MPa
Operating pressure
-0.9 bar ... 10 bar
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Pilot pressure
3 bar ... 8 bar
Intrinsic current consumption at load voltage
30 mA
Intrinsic current consumption at operating voltage
30 mA
Nominal operating voltage DC
24 V
Protocol
I-Port
IO-Link®
Corrosion resistance class (CRC)
3 - High corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 40 °C
Degree of protection
IP65
IP67
Note on degree of protection
In mounted state
Ambient temperature
-5 °C ... 50 °C
Product weight
170 g
IO-Link®, protocol version
Device V 1.0
IO-Link®, communication mode
COM2 (38.4 kBd), COM3 (230.4 kBd)
IO-Link®, port class
B
IO-Link®, number of ports
1
IO-Link®, process data width OUT
1 - 4 bytes
IO-Link®, minimum cycle time
Device 3.2 ms
Electrical connection 1, function
IO-Link®
Electrical connection 1, connection type
Plug
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
8/3/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 575667

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
575669 FESTO-575669 Datasheet
101Kb / 2P
Pneumatic valve
More results

Similar Description - 575667

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
550214 FESTO-550214 Datasheet
66Kb / 1P
End plate
576316 FESTO-576316 Datasheet
84Kb / 1P
End plate
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560942 FESTO-560942 Datasheet
77Kb / 1P
End plate
8/3/22
560947 FESTO-560947 Datasheet
81Kb / 1P
End plate
8/3/22
533370 FESTO-533370 Datasheet
76Kb / 1P
End plate
8/4/22
576557 FESTO-576557 Datasheet
83Kb / 1P
End plate
8/7/22
576559 FESTO-576559 Datasheet
83Kb / 1P
End plate
8/7/22
576560 FESTO-576560 Datasheet
62Kb / 1P
End plate
8/7/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com