Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-2C006SWB-E Datasheet(PDF) 2 Page - C&K Components

Part # AP-2C006SWB-E
Description  Industrial Pushbutton Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP-2C006SWB-E Datasheet(HTML) 2 Page - C&K Components

  AP-2C006SWB-E Datasheet HTML 1Page - C&K Components AP-2C006SWB-E Datasheet HTML 2Page - C&K Components AP-2C006SWB-E Datasheet HTML 3Page - C&K Components AP-2C006SWB-E Datasheet HTML 4Page - C&K Components AP-2C006SWB-E Datasheet HTML 5Page - C&K Components AP-2C006SWB-E Datasheet HTML 6Page - C&K Components AP-2C006SWB-E Datasheet HTML 7Page - C&K Components AP-2C006SWB-E Datasheet HTML 8Page - C&K Components AP-2C006SWB-E Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
OPTION
CODE
ACTUATOR COLOR
0
No Cap
2
Black
3
Red
4
Orange
5
Yellow
6
Green
7
Blue
9
Gray
A-109
Dimensions are shown: mm (inches
Specifications and dimensions subject to change
www.ckswitches.com
A
Terminal Seal
E
Epoxy
All models are epoxy sealed
ACTUATOR STYLE
AP Series
Industrial Pushbutton Switch
STANDARD VIEW
ø 17,40
[0.685]
ø 12,35
[0.486]
12
SPST-NO
34
SEE SCHEMATIC
1
2
4
3
ELECTRICAL SCHEMATIC
10,90
0.429
[]
1,50
0.059
[]
4,20
0.165
[]
7,74
0.305
[]
8,80
0.346
[]
28,00
1.102
[]
3,90
0.154
[]
5,45
0.215
[]
4,50
0.177
[]
TYP
3,54
0.140
[]
TYP
1,64
0.065
[]
TYP
7,74
0.305
[]
TYP
3,54
0.140
[]
TYP
1,64
0.065
[]
TYP
7,74
0.305
[]
TYP
2,09
0.082
[]
TYP
3,99
0.157
[]
0,65
0.026
[]
TYP
8,19
0.323
[]
DOWN POSITION
Third Angle
Projection
D DOME / CONVEX
E EXTENDED DOME
C CONCAVE
OPERATING FORCE
ACTUATOR COLOR
OPTION
CODE
OPERATING FORCE
2
2 N, 200 g
4
4 N, 400 g
For additional colors please contact Customer Service.
28 Jul 21



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com