Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD1857AFP Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD1857AFP
Description  Silicon NPN Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD1857AFP Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD1857AFP Datasheet HTML 1Page - Cystech Electonics Corp. BTD1857AFP Datasheet HTML 2Page - Cystech Electonics Corp. BTD1857AFP Datasheet HTML 3Page - Cystech Electonics Corp. BTD1857AFP Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C855FP
Issued Date : 2004.08.15
Revised Date :
Page No. : 2/4
BTD1857AFP
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
180
-
-
V
IC=50µA, IE=0
BVCEO
160
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=50µA, IC=0
ICBO
-
-
1
µA
VCB=160V, IE=0
IEBO
-
-
1
µA
VEB=4V, IC=0
*VCE(sat)
-
-
0.6
V
IC=1A, IB=100mA
*VBE(on)
-
-
1.5
V
VCE=5V, IC=150mA
hFE1
60
-
320
-
VCE=5V, IC=150mA
hFE2
30
-
-
-
VCE=5V, IC=500mA
fT
-
140
-
MHz
VCE=5V, IC=150mA
Cob
-
27
-
pF
VCB=10V, IE=0, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification of hFE 1
Rank
P
Q
R
Range
82~190
120~200
180~320



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com