Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVMFS5113PLT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS5113PLT1G
Description  MOSFET ??Power, Single P-Channel -60 V, 14 m, -64 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5113PLT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS5113PLT1G Datasheet HTML 1Page - ON Semiconductor NVMFS5113PLT1G Datasheet HTML 2Page - ON Semiconductor NVMFS5113PLT1G Datasheet HTML 3Page - ON Semiconductor NVMFS5113PLT1G Datasheet HTML 4Page - ON Semiconductor NVMFS5113PLT1G Datasheet HTML 5Page - ON Semiconductor NVMFS5113PLT1G Datasheet HTML 6Page - ON Semiconductor NVMFS5113PLT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NVMFS5113PL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
1000
0.1
1
10
100
0
10
20
30
40
50
60
70
80
90
100
110
120
0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.901.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
10203040
5060
7080
90
Figure 7. Capacitance Variation
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
f = 1 MHz
VGS = 0 V
Ciss
Coss
Crss
Figure 8. Gate−to−Source Voltage vs. Total
Charge
Qg, TOTAL GATE CHARGE (nC)
VDS = −48 A
ID = −17 A
TJ = 25°C
QT
Qgs
Qgd
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
VDD = −48 V
VGS = −10 V
ID = −17 A
td(off)
td(on)
tf
tr
Figure 10. Diode Forward Voltage vs. Current
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS ≤ −10 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100 ms
1 ms
dc
10 ms
10 ms
Figure 12. Avalanche Characteristics
TAV, TIME IN AVALANCHE (s)
0
1000
2000
3000
4000
5000
6000
0
1020
30405060
1.0
10.0
100.0
1000.0
1
10
100
100
1.00E−05
1.00E−02
10
1
1.00E−04
1.00E−03
TJ(initial) = 125°C
TJ(initial) = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com