Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CG101-R-S205-P-QF-7 Datasheet(PDF) 1 Page - C&K Components

Part # CG101-R-S205-P-QF-7
Description  Single Pole Power Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CG101-R-S205-P-QF-7 Datasheet(HTML) 1 Page - C&K Components

  CG101-R-S205-P-QF-7 Datasheet HTML 1Page - C&K Components CG101-R-S205-P-QF-7 Datasheet HTML 2Page - C&K Components CG101-R-S205-P-QF-7 Datasheet HTML 3Page - C&K Components CG101-R-S205-P-QF-7 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G
G–83
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
Features/Benefits
• Bevelled frame
• Illuminated versions available
• Easy panel mount installation
CG Series
Single Pole Power Rocker Switches
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages G–87 through G–89. For additional options not shown in catalog, consult Customer Service Center.
Specifications
CONTACT RATING:
16 AMPS @ 125 VAC, 10 AMPS @ 250 VAC.
10 AMPS @ 250 VAC, 6 AMPS @ 250 VAC.
ELECTRICAL LIFE: 10,000 make and break cycles at full load.
INSULATION RESISTANCE: 108 Ω min.
DIELECTRIC STRENGTH: 1,500 VRMS @ sea level.
OPERATING TEMPERATURE: -20ºC to +85ºC
Materials
HOUSING AND ACTUATOR: 6/6 nylon (UL94V-2), black, matte finish.
ILLUMINATED ACTUATOR: Polycarbonate, matte finish.
CENTER CONTACTS: Silver plated, copper alloy.
END CONTACTS: Silver plated.
ALL TERMINALS: Silver plated, copper alloy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Typical Applications
• Computers and peripherals
• Small appliances
• Instrument panels
• Industrial controls
• RoHS compliant
Lamp Rating
(NONE) No lamp
7 125 VAC neon
8 250 VAC neon
Actuator Marking
(NONE) No marking
D ON-OFF
H ”O l” - international ON-OFF
P ”O -” international ON-OFF
Actuator
J1 Rocker
J2 **Two-tone rocker
J3 Illuminated rocker
Termination
05 .250” quick connect
Switch Function
CG101 SPDT On-None-On
CG102 SPST On-None-Off
CG103 SPDT On-Off-On
CG105 SPDT Mom-Off-Mom
CG12 * SPST On-None-Off
Actuator Color
2 Black
1 White
3 Red
R Red, illuminated
A Amber, illuminated
G Green, illuminated
Contact Rating
QF Silver
Mounting Style/Color
S2 Snap-in, black
S1 Snap-in, white
* CG12 — for switches with both marking and illumination
** J2 — refer to table on next page for actuator options
UL 61058-1


Similar Part No. - CG101-R-S205-P-QF-7

ManufacturerPart #DatasheetDescription
logo
C&K Components
CG101205DQF7 CK-COMPONENTS-CG101205DQF7 Datasheet
761Kb / 4P
Single Pole Power Rocker Switches
CG1012S205DQF7 CK-COMPONENTS-CG1012S205DQF7 Datasheet
761Kb / 4P
Single Pole Power Rocker Switches
CG101J105DQF7 CK-COMPONENTS-CG101J105DQF7 Datasheet
761Kb / 4P
Single Pole Power Rocker Switches
logo
ITT Industries
CG101J11S105DF ITT-CG101J11S105DF Datasheet
154Kb / 4P
Single Pole Power Rocker Switches
CG101J11S105DF7 ITT-CG101J11S105DF7 Datasheet
154Kb / 4P
Single Pole Power Rocker Switches
More results

Similar Description - CG101-R-S205-P-QF-7

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
Single Pole Power Rocker Switches
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
Single Pole Power Rocker Switches
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
Single Pole Power Rocker Switches
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
Single Pole Power Rocker Switches
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
Single Pole Power Rocker Switches
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
Single Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
Miniature Single Pole Rocker Switches
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
Single Pole Power Rocker Switches
2018
CM CK-COMPONENTS-CM Datasheet
289Kb / 4P
Single Pole Power Rocker Switches
2018
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
Miniature Single Pole Rocker Switches
15 May 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com