Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CG102-R-S205-P-QF-8 Datasheet(PDF) 4 Page - C&K Components

Part # CG102-R-S205-P-QF-8
Description  Single Pole Power Rocker Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CG102-R-S205-P-QF-8 Datasheet(HTML) 4 Page - C&K Components

  CG102-R-S205-P-QF-8 Datasheet HTML 1Page - C&K Components CG102-R-S205-P-QF-8 Datasheet HTML 2Page - C&K Components CG102-R-S205-P-QF-8 Datasheet HTML 3Page - C&K Components CG102-R-S205-P-QF-8 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
G–86
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
G
ACTUATOR MARKING
NONE NO MARKING
D ON-OFF
H O l
P O -
NOTE: Orientation of actuator marking and terminals.
CG Series
Single Pole Power Rocker Switches
CONTACT MATERIAL
LAMP RATING
7 125 VAC 33kΩ NEON
8 250 VAC 150kΩ NEON
NOTE: Lamp rating for J3 actuator option.
(NONE) NO LAMP
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
16 AMPS @ 125 VAC; 10 AMPS @ 250 VAC
10 AMPS @ 250 VAC
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER
POWER
OPTION
CODE
QF
Shown in Pos. 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com