Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTP2907AL3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTP2907AL3
Description  General Purpose PNP Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTP2907AL3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTP2907AL3 Datasheet HTML 1Page - Cystech Electonics Corp. BTP2907AL3 Datasheet HTML 2Page - Cystech Electonics Corp. BTP2907AL3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C317L3-H
Issued Date : 2003.04.15
Revised Date :
Page No. : 2/3
BTP2907AL3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE=10V
Saturation Voltage vs Collector Current
0.01
0.1
1
10
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE(sat)@IC=10IB
Saturation Voltage vs Collector Current
0.01
0.1
1
10
0.1
1
10
100
1000
Collector Current---IC(mA)
VCE(sat)@IC=20IB
Saturation Voltage vs Collector Current
0.1
1
10
0.1
1
10
100
1000
Collector Current---IC(mA)
VBE(sat)@IC=10IB
On Voltage vs Collector Current
0.4
0.6
0.8
1
1.2
0.1
1
10
100
1000
Collector Current---IC(mA)
VBE(on)@VCE=1V
Power Derating Curve
0
1
2
3
4
5
6
0
50
100
150
200
Case Temperature --- TC(℃ )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com