Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

01ACFR05-R-C-E22 Datasheet(PDF) 4 Page - C&K Components

Part # 01ACFR05-R-C-E22
Description  Mini Size Sealed Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

01ACFR05-R-C-E22 Datasheet(HTML) 4 Page - C&K Components

  01ACFR05-R-C-E22 Datasheet HTML 1Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 2Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 3Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 4Page - C&K Components 01ACFR05-R-C-E22 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
J
J–13
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
ZMT Series
Mini Size Sealed Snap-acting Switches
TERMINATIONS
P  PC THRU-HOLE
K  WIRE LEADS OUT RIGHT SIDE
S  SOLDER
L  LEFT-FOOTED, PC THRU-HOLE
R  RIGHT-FOOTED, PC THRU-HOLE
W  WIRE LEADS OUT LEFT SIDE
J  WIRE LEADS OUT BOTTOM
NEW
27 Jan 22
COM: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(BLACK)
NO: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(BLUE)
NC: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(GRAY)
COM: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(BLACK)
NO: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(BLUE)
NC: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(GRAY)
COM: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(BLACK)
NO: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(BLUE)
NC: UL1007 20AWG/22AWG/24AWG OR EQUIVALENT(GRAY)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com