Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1HNK60R Datasheet(PDF) 6 Page - STMicroelectronics

Part # 1HNK60R
Description  N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1HNK60R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 1HNK60R Datasheet HTML 2Page - STMicroelectronics 1HNK60R Datasheet HTML 3Page - STMicroelectronics 1HNK60R Datasheet HTML 4Page - STMicroelectronics 1HNK60R Datasheet HTML 5Page - STMicroelectronics 1HNK60R Datasheet HTML 6Page - STMicroelectronics 1HNK60R Datasheet HTML 7Page - STMicroelectronics 1HNK60R Datasheet HTML 8Page - STMicroelectronics 1HNK60R Datasheet HTML 9Page - STMicroelectronics 1HNK60R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
6/15
Figure 15: Normalized Gate Thereshold Volt-
age vs Temperature
Figure 16: Source-Drain Forward Characteris-
tics
Figure 17: Maximum Avalanche Energy vs
Temperature
Figure 18: Normalized On Resistance vs Tem-
perature
Figure 19: Normalized BVDSS vs Temperature
Figure 20: Max Id Current vs Tc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com