Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCS0402AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MCS0402AT
Description  Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402AT Datasheet(HTML) 3 Page - Vishay Siliconix

  MCS0402AT Datasheet HTML 1Page - Vishay Siliconix MCS0402AT Datasheet HTML 2Page - Vishay Siliconix MCS0402AT Datasheet HTML 3Page - Vishay Siliconix MCS0402AT Datasheet HTML 4Page - Vishay Siliconix MCS0402AT Datasheet HTML 5Page - Vishay Siliconix MCS0402AT Datasheet HTML 6Page - Vishay Siliconix MCS0402AT Datasheet HTML 7Page - Vishay Siliconix MCS0402AT Datasheet HTML 8Page - Vishay Siliconix MCS0402AT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 05-Oct-2021
3
Document Number: 28785
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or PRODUCT DESCRIPTION
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING
STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
MCS 0402 AT
E1
1000
Paper tape acc.
IEC 60286-3,
type 1a
8 mm
2 mm
Ø 180 mm / 7"
E5
5000
E0
10 000
MCT 0603 AT
P1
1000
4 mm
Ø 180 mm / 7"
P5
5000
PW
20 000
Ø 330 mm / 13"
MCU 0805 AT
P1
1000
Ø 180 mm / 7"
P5
5000
PW
20 000
Ø 330 mm / 13"
MCA 1206 AT
P1
1000
Ø 180 mm / 7"
P5
5000
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MCT0603MD4641BPW00
TYPE/SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MCS0402
MCT0603
MCU0805
MCA1206
M = AT
(automotive)
G = ± 5 ppm/K
F = ± 10 ppm/K
E = ± 15 ppm/K
D = ± 25 ppm/K
3 digit value
1 digit multiplier
Multiplier
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
B = ± 0.1 %
E1
E5
E0
P1
P5
PW
Up to 2 digits
00 = standard
Product Description: MCT 0603-25 0.1 % AT PW 4K64
MCT
0603
-25
0.1 %
AT
PW
4K64
TYPE
SIZE
TCR
TOLERANCE
VERSION
PACKAGING
RESISTANCE
MCS
MCT
MCU
MCA
0402
0603
0805
1206
± 5 ppm/K
± 10 ppm/K
± 15 ppm/K
± 25 ppm/K
± 0.1 %
AT = automotive
E1
E5
E0
P1
P5
PW
4K64 = 4.64 k
Ω
C
T
06
03
M
D
4
M
41
B
P
W
00
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com