Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WSF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSF
Description  Metal Film Resistors, Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSF Datasheet(HTML) 2 Page - Vishay Siliconix

  WSF_V01 Datasheet HTML 1Page - Vishay Siliconix WSF_V01 Datasheet HTML 2Page - Vishay Siliconix WSF_V01 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSF
www.vishay.com
Vishay Dale
Revision: 08-Jun-2020
2
Document Number: 30104
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Note
• WSF2012 has been obsoleted; PTN-DR-00013-2018 Rev. 0 - July 20, 2018. WSF2515 and WSF4527 sizes are not affected
Notes
• Embossed carrier tape per EIA-481
• WSF2012 has been obsoleted; PTN-DR-00013-2018 Rev. 0 - July 20, 2018. WSF2515 and WSF4527 sizes are not affected
• Additional packaging details at www.vishay.com/doc?20051
W
L
T
H
W
1
l
a
b
MODEL
DIMENSIONS in inches (millimeters)
LH
T
W
W1
WSF2515
0.250 ± 0.020
(6.35 ± 0.508)
0.110 ± 0.015
(2.79 ± 0.381)
0.045 ± 0.010
(1.14 ± 0.254)
0.150 ± 0.005
(3.81 ± 0.127)
0.098 ± 0.005
(2.49 ± 0.127)
WSF4527
0.455 ± 0.020
(11.56 ± 0.508)
0.167 ± 0.010
(4.24 ± 0.254)
0.100 ± 0.010
(2.54 ± 0.254)
0.275 ± 0.005
(6.98 ± 0.127)
0.215 ± 0.005
(5.46 ± 0.127)
MODEL
SOLDER PAD DIMENSIONS in inches (millimeters)
ab
l
WSF2515
0.090 (2.29)
0.115 (2.92)
0.120 (3.05)
WSF4527
0.155 (3.94)
0.230 (5.94)
0.205 (5.21)
Temperature Rise
200
150
100
50
0
0
0.5
1.0
1.5
2.0
Power in W
WSF2515
WSF4527
Derating
120
100
80
60
40
20
0
-65
-25
0
25
50
75
100
125 150 175 200
Ambient Temperature in °C
70
WSF2515
WSF4527
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± (1.0 % + 0.05
) R
Short time overload
5 x rated power for 5 s
± (0.5 % + 0.05
) R
Low temperature storage
-65 °C for 24 h
± (0.5 % + 0.05
) R
High temperature exposure
1000 h at +175 °C (150 °C for WSF4527)
± (1.0 % + 0.05
) R
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± (0.5 % + 0.05
) R
Moisture resistance
MIL-STD-202 method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.05
) R
Mechanical shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.05
) R
Vibration
Frequency varied 10 Hz to 500 Hz in one min, 3 directions, 9 h
± (0.5 % + 0.05
) R
Load life
1000 h at rated power, +70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.05
) R
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.05
) R
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSF2515
16 mm / embossed plastic
330 mm / 13"
2000
EA/TA
WSF4527
24 mm / embossed plastic
330 mm / 13"
1200
EA/TA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com