Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPSA600-D-R240-K-B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPSA600-D-R240-K-B
Description  Power Resistor for Mounting Onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPSA600-D-R240-K-B Datasheet(HTML) 1 Page - Vishay Siliconix

  LPSA600-D-R240-K-B Datasheet HTML 1Page - Vishay Siliconix LPSA600-D-R240-K-B Datasheet HTML 2Page - Vishay Siliconix LPSA600-D-R240-K-B Datasheet HTML 3Page - Vishay Siliconix LPSA600-D-R240-K-B Datasheet HTML 4Page - Vishay Siliconix LPSA600-D-R240-K-B Datasheet HTML 5Page - Vishay Siliconix LPSA600-D-R240-K-B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LPSA 600
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
1
Document Number: 50077
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Resistor for Mounting Onto a Heatsink
Thick Film Technology
LINKS TO ADDITIONAL RESOURCES
LPSA is a fully AEC-Q200 qualified high power resistor. Its
high power / energy capability makes it a perfect fit for
automotive precharge and discharge applications requiring
high levels of performance.
FEATURES
• AEC-Q200 qualified
•Compliant with requirement #26 of
NF-EN45545-2
• High power 600 W at 85 °C bottom case temperature
• Wide resistance range: 0.3
Ω to 900 kΩ
E24 series
• Non inductive
• Easy mounting
• Low thermal radiation of the case
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Tolerances unless stated: ± 0.2 mm
333
DDD3 D
3D Models
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
Ω
RATED POWER
P85 °C
W
LIMITING ELEMENT
VOLTAGE UL
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CRITICAL
RESISTANCE
(
Ω)
LPSA 600
0.3 to 900K
600
5K
1, 2, 5, 10
150, 300, 500
41.66K
2 x M4 useful depth: 8
57
34
60
36
2 x Ø 4.2
LPSA 600
6K8 5 %
V2
64.7
15.2
± 0.5
21.2
25.2
13.6
Ø 20
25.8 ± 1


Similar Part No. - LPSA600-D-R240-K-B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPSA600 VISHAY-LPSA600 Datasheet
115Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
21-Nov-2019
LPSA600D1001FB VISHAY-LPSA600D1001FB Datasheet
115Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
21-Nov-2019
LPSA600D1001GB VISHAY-LPSA600D1001GB Datasheet
115Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
21-Nov-2019
LPSA600D1001JB VISHAY-LPSA600D1001JB Datasheet
115Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
21-Nov-2019
LPSA600D1001KB VISHAY-LPSA600D1001KB Datasheet
115Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
21-Nov-2019
More results

Similar Description - LPSA600-D-R240-K-B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPS300 VISHAY-LPS300 Datasheet
328Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
09-Jun-10
LPS600 VISHAY-LPS600 Datasheet
146Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
27-Oct-10
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
Power Resistor, for Mounting onto a Heatsink Thick Film Technology
05-Aug-13
LPS300 VISHAY-LPS300_15 Datasheet
126Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS600 VISHAY-LPS600_15 Datasheet
128Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
LPS1100 VISHAY-LPS1100_15 Datasheet
100Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
RPS250 VISHAY-RPS250_15 Datasheet
93Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
12-Dec-14
LPS-1100 VISHAY-LPS-1100 Datasheet
111Kb / 5P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
24-Oct-13
RCH VISHAY-RCH Datasheet
125Kb / 6P
Power Resistor, for Mounting onto a Heatsink Thick Film Technology
06-Jul-15
LPSA800 VISHAY-LPSA800_V01 Datasheet
113Kb / 6P
Power Resistor for Mounting Onto a Heatsink Thick Film Technology
10-Nov-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com