Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHR100JS1R0 Datasheet(PDF) 3 Page - Rohm

Part # LHR100JS1R0
Description  High power thick film shunt resistors terminal type>
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LHR100JS1R0 Datasheet(HTML) 3 Page - Rohm

  LHR100JS1R0 Datasheet HTML 1Page - Rohm LHR100JS1R0 Datasheet HTML 2Page - Rohm LHR100JS1R0 Datasheet HTML 3Page - Rohm LHR100JS1R0 Datasheet HTML 4Page - Rohm LHR100JS1R0 Datasheet HTML 5Page - Rohm LHR100JS1R0 Datasheet HTML 6Page - Rohm LHR100JS1R0 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LTR series ・
・ LHR series (low TCR) -low ohmic-
Datasheet
●Derating curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
Fig.1 <Ambient temperature>
Fig.2 <Terminal temerature>
■LHR18, LTR10 / 18 / 50 / 100 / 100L
■LTR100L
*LTR100L
For resistors operated at the
ambient temperature in excess
70℃ or terminal temperature in
excess 110℃, the load shall
derated in accordance with Fig.1
and Fig.2
*LTR100L:-65℃~+155℃
●Characteristics
Test items
Guaranteed value
Test conditions
Resistor type
Resistance
See P.1
20℃
Measuring method : Measuring under termination by 4
proves.
Variation of resistance
with temperature
See P.1
■LHR18, LTR10/18/50 : +25℃/-55℃/+155℃
■LTR100 : +25℃/-55℃/+125℃
■LTR100L : +25℃/-65℃/+155℃
Overload
■LHR18, LTR10/18/50/100 : ±2.0%
■LTR100L : ±1.0%
■LHR18, LTR10/18/100 :
Rated voltage(current)×2.5,2s
■LTR50 : Rated power×5.0,5s
■LTR100L : Rated power×4.0,5s
Solderability
Anew uniform coating of minimum of 95% of
the surface being immersed and no
soldering damage.
Rosin-ethanol solution(25% mass)
Soldering condition:245±5℃
Duration of immersion:2.0±0.5s
Resistance to
soldering heat
±1.0%
No remarkable abnormality on the appearance.
Soldering condition:260±5℃
Duration of immersion:10±1s
Rapid change of
temperature
±1.0%
■LTR10/18/100 : -55℃~+125℃ 5cycles
■LHR18, LTR50/100L: -55℃~+125℃ 1000cycles
Damp heat, steady state
±3.0%
■LHR18, LTR10/18/50/100
40℃,93%(Relative humidity) Test time:1,000h
■LTR100L
85 ℃,85%(Relative humidity) Test time:1,000h
Endurance at 70℃
■LHR18, LTR10/18/50/100 : ±3.0%
■LTR100L : ±1.0%
■LHR18,LTR10/18/50/100
Ambient temperature : 70℃
■LTR100L
Ambient temperature : 70℃
Terminal temperature : 110℃
Rated voltage (current) : 1.5h:ON-0.5h:OFF
Test time : 1,000h
Endurance
■LHR18, LTR10/18/50/100 : ±3.0%
■LTR100L : ±1.0%
155℃
Test time:1,000h
Resistance to solvent
±1.0%
23±5℃, Immersion cleaning, 5±0.5min
Solvent: 2-propanol
Bend strength of
the end face plating
Without mechanical damage such as breaks.
-
Compliance Standard(s) :IEC 60115-1 / IEC 60115-8
JIS C 5201-1 / JIS C 5201-8
www.rohm.com
© 2021 ROHMCo., Ltd. All rights reserved.
3/4
2021.06 - Rev.M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com