Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MJD2873-QJ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # MJD2873-QJ
Description  50 V, 2 A NPN high power bipolar transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD2873-QJ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  MJD2873-QJ Datasheet HTML 1Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 2Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 3Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 4Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 5Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 6Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 7Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 8Page - Nexperia B.V. All rights reserved MJD2873-QJ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
MJD2873-Q
50 V, 2 A NPN high power bipolar transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICES
collector-emitter cut-off
current
VCE = 50 V; VBE = 0 V; Tamb = 25 °C
-
-
100
nA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
100
nA
VCE = 2 V; IC = 0.5 A; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
120
-
360
VCE = 2 V; IC = 2 A; pulsed; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C
40
-
-
hFE
DC current gain
VCE = 1.6 V; IC = 0.75 A; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
80
-
360
VCEsat
collector-emitter
saturation voltage
-
-
0.3
V
VBEsat
base-emitter saturation
voltage
IC = 1 A; IB = 50 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
1.2
V
VCE = 2 V; IC = 1 A; pulsed; tp ≤ 300 µs;
Tamb = 25 °C
-
-
1.2
V
VBE
base-emitter voltage
VCE = 1.6 V; IC = 0.75 A; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
0.95
V
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
-
80
pF
fT
transition frequency
VCE = 10 V; IC = 100 mA; f = 100 MHz;
Tamb = 25 °C
65
-
-
MHz
IC (mA)
10
104
103
102
aaa-033355
200
300
100
400
500
hFE
0
(1)
(2)
(3)
VCE = 2 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig. 3. DC current gain as a function of collector
current; typical values
VCE (V)
0
5
4
2
3
1
aaa-033356
1.0
0.5
1.5
2.0
IC
(A)
0
IB (mA) = 18
12
15
10
8
6
4
3
2
1
Tamb = 25 °C
Fig. 4. Collector current as a function of collector-
emitter voltage; typical values
MJD2873-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
17 May 2021
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com