Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EC80E5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPC58EC80E5
Description  MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EC80E5 Datasheet(HTML) 2 Page - STMicroelectronics

  SPC58EC80E5 Datasheet HTML 1Page - STMicroelectronics SPC58EC80E5 Datasheet HTML 2Page - STMicroelectronics SPC58EC80E5 Datasheet HTML 3Page - STMicroelectronics SPC58EC80E5 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
System requirements, HW and SW resources
•
Hardware requirements:
–
Windows PC
–
USB cable: Type A to mini-B
–
Input: 100-240 Vac (EU plug). Output: 12 V-2 A
•
Software requirements:
–
SPC5-Studio for low-level drivers, code generation, system and peripherals configuration, pin
configuration and firmware development
–
PLS UDE for MCU programming and debugging
–
AutoDevKit plug-in for cross-platform functional board components
AEK-MCU-C4MLIT1
System requirements, HW and SW resources
DB3906 - Rev 1
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com