Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXLS8967AF Datasheet(PDF) 45 Page - NXP Semiconductors

Part # FXLS8967AF
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AF Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button FXLS8967AF_V01 Datasheet HTML 41Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 42Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 43Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 44Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 45Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 46Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 47Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 48Page - NXP Semiconductors FXLS8967AF_V01 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
2 to 1
FSR[1:0]
Full-scale measurement range (FSR) selection
00b: ±2 g; 0.98 mg/LSB (1024 LSB/g) nominal sensitivity
01b (default): ±4 g; 1.95 mg/LSB (512 LSB/g) nominal sensitivity
10b: ±8 g; 3.91 mg/LSB (256 LSB/g) nominal sensitivity
11b: ±16 g; 7.81 mg/LSB (128 LSB/g) nominal sensitivity
0
ACTIVE
Standby/Active mode selection
This bit selects between Standby mode and Active mode.
Note:
• When INT2_FUNC = 1, the Active bit becomes read only via the I2C or SPI interface as the INT2
pin logic state directly controls the device operating mode. The INT2_FUNC may only be enabled
(set to 1) when ACTIVE = 0. Similarly, the ACTIVE bit may only be set if INT2_FUNC = 0.
0: FXLS8967AF is placed in Standby mode and draws the minimum amount of current on the VDD pin
(IDD-STBY). Standby mode is the default mode after a POR or soft reset event.
1: FXLS8967AF is placed in Active mode and draws an IDD corresponding to the selected ODR in
HPM, the selected ODR in LPM, or the user-selected decimation and idle time settings in FPM.
Table 48. SENS_CONFIG1 register (address 15h) bit description...continued
15.12 SENS_CONFIG2 register (address 16h)
Bit
7
6
5
4
3
2
1
0
Name
WAKE_PM[1:0]
SLEEP_PM[1:0]
LE_BE
—
AINC_
TEMP
F_READ
Reset
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 49. SENS_CONFIG2 register (address 16h) bit allocation
Field
Description
7 to 6
WAKE_PM[1:0]
WAKE power mode selection
00b: Low-power mode is selected;
SENS_CONFIG3[7:4] bits are interpreted as WAKE_ODR[3:0]
and sets the ODR and decimation factor as per Table 52.
01b: High performance mode is selected;
SENS_CONFIG3[7:4] bits are interpreted as
WAKE_ODR[3:0] and set the ODR and decimation factor as per Table 53.
1xb: Flexible performance mode is selected;
SENS_CONFIG3[7:4] bits are interpreted as
WAKE_DEC[3:0], which sets the measurement decimation factor. The effective ODR (and
measurement current) is determined by the combination of the decimation factor and the 12-bit
measurement idle time programmed in the
WAKE_IDLE_MSB and WAKE_IDLE_LSB registers. See
Table 54 for the selectable decimation factors.
Note: In motion detection mode with BT_MODE=VDD, use of HPM or FPM mode is not advised. Only
the default LPM mode should be used.
Table 50. SENS_CONFIG2 register (address 16h) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
45 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com