Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILS Datasheet(PDF) 1 Page - C&K Components

Part # ILS
Description  SIntegrated LED Tact Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ILS Datasheet(HTML) 1 Page - C&K Components

  ILS Datasheet HTML 1Page - C&K Components ILS Datasheet HTML 2Page - C&K Components ILS Datasheet HTML 3Page - C&K Components ILS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LED Color
10 Red
30 Yellow green
40 Blue
50 White
60 Green
B–161
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
ILS Series
Integrated LED Tact Switch
Features/Benefits
Compact Size
THT versions
Different height
Several LED colors
High life cycles
Specification
TRAVEL: 0.25 mm ± 0.1 mm
Mechanical
OPERATING LIFE: 100,000 cycles
Electrical
RATING: 100mA max. @ 30VDC
10µA min. @ 1VDC
INSULATION RESISTANCE: 100M Ω min.
DIELECTRIC WITHSTANDING VOLTAGE:
250VAC (50-60 Hz 2mA) for 1 min
BOUNCE TIME: ON/OFF 5ms max.
INITIAL CONTACT RESISTANCE: 100m Ω max.
Environmental
OPERATING TEMPERATURE: -40˚C to +85˚C
STORAGE TEMPERATURE: -40˚C to +85˚C
Packaging
Bulk packing in bag of 500 pieces
2 bags per carton box
* All caps are not recommended to soldering process
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
I
L
S
Actuation Force
180 180gf
250 250gf
NEW
Style & Height
TA 7.20 mm height
TB 9.00 mm height
TC 7.00 mm height
20 Nov 20
Typical Applications
Consumer electronics
Health monitoring device
Test & measurement
Audio/Video control board


Similar Part No. - ILS

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
Submersible Level Transmitter
logo
Vishay Siliconix
ILS-2515 VISHAY-ILS-2515 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-2515-01 VISHAY-ILS-2515-01 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-2515-02 VISHAY-ILS-2515-02 Datasheet
245Kb / 2P
Surface Mount Inductor
10-Sep-02
ILS-3825-01 VISHAY-ILS-3825-01 Datasheet
59Kb / 2P
Surface Mount Inductors, Low Profile for DC/DC Converters
08-Jan-04
More results

Similar Description - ILS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSS-TD-26EA ETC1-TSS-TD-26EA Datasheet
149Kb / 1P
TACT SWITCH
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
logo
Suntan Capacitors
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
TACT SWITCH
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
TACT SWITCH
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
TACT SWITCH
logo
Shenzhen Huazhimei Semi...
HM5102 HMSEMI-HM5102 Datasheet
693Kb / 7P
Tact switch LED flashlight driver IC
HM5102B HMSEMI-HM5102B Datasheet
706Kb / 7P
Tact switch LED flashlight driver IC
HM5102C HMSEMI-HM5102C Datasheet
676Kb / 7P
Tact switch LED flashlight driver IC
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
Tact Switch
logo
E-SWITCH
TL6800 E-SWITCH-TL6800 Datasheet
1Mb / 4P
Tact Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com