Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8940CGEFL/V Datasheet(PDF) 57 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 57 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 53Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 54Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 55Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 56Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 57Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 58Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 59Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 60Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
WM8940
Rev 4.4
57
INTEGER N DIVISION
The integer division ratio (N) is determined by N[3:0] and must be in the range 5 to 12.
If the PLL frequency is an exact integer (5,6,7,8,9,10,11,12) then FRAC_EN can be set to 0 for low
power operation.
INPUT CLOCK
(F1)
DESIRED PLL OUTPUT
(F2)
DIVISION
REQUIRED (R)
FRACTIONAL
DIVISION (K)
INTEGER
DIVISION (N)
SDM
11.2896MHz
90.3168MHz
8
0
8
0
12.2880MHz
98.3040MHz
8
0
8
0
Table 48 PLL Modes of Operation (Integer N mode)
FRACTIONAL K MODE
The Fractional K bits provides K[23:0] provide finer divide resolution for the PLL frequency ratio (up to
1/224). If these are used then FRAC_EN must be set. The relationship between the required division
R, the fractional division K[23:0] and the integer division N[3:0] is:
K = 224 ( R
– N)
where 0 < (R
– N) < 1 and K is rounded to the nearest whole number.
EXAMPLE PLL CONFIGURATION:
PLL input clock (f1) is 12MHz and the required clock (SYSCLK) is 12.288MHz.
R should be chosen to ensure 5 < N < 13. There is a fixed divide by 4 in the PLL and a selectable
divider (MCLKDIV[3:0]) after the PLL which should be set to divide by 2 to meet this requirement.
Enabling the divide by 2 sets the required f2 = 4 * 2 * 12.288MHz = 98.304MHz.
R = 98.304 / 12 = 8.192
N = int R = 8
K = int (224 x (8.192
– 8)) = 3221225 = 3126E9h
So N[3:0] will be 8h and K[23:0] will be 3126E9h to produce the desired 98.304MHz clock.
The PLL performs best when f2 is around 90MHz. Its stability peaks at N=8. Some example settings
are shown in Table 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com