Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8940CGEFL/RV Datasheet(PDF) 83 Page - Cirrus Logic

Part # WM8940CGEFL/RV
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/RV Datasheet(HTML) 83 Page - Cirrus Logic

Back Button WM8940CGEFL/RV Datasheet HTML 79Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 80Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 81Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 82Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 83Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 84Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 85Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 86Page - Cirrus Logic WM8940CGEFL/RV Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
WM8940
Rev 4.4
83
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
R
E
S
P
O
N
S
E
(dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Figure 46 ADC Notch Filter Responses (48kHz); fc=100Hz, 1kHz, 10kHz; fb = 100Hz, 600Hz, 2kHz
-60
+0
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
R
E
S
P
O
N
S
E
(dB)
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
T
T
Figure 47 ADC Low Pass Filter Responses (48kHz); fc= 1kHz, 5kHz, 10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com