Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW13N65D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW13N65D
Description  N-channel Enhanced mode TO-220FMOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW13N65D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW13N65D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW13N65D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW13N65D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW13N65D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW13N65D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW13N65D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Jan. 2019. Rev. 2.0
1/6
SW13N65D
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
650
V
I
D
Continuous drain current (@T
C=25
oC)
13*
A
Continuous drain current (@T
C=100
oC)
8.2*
A
I
DM
Drain current pulsed
(note 1)
52
A
V
GS
Gate to source voltage
±30
V
E
AS
Single pulsed avalanche energy
(note 2)
484
mJ
E
AR
Repetitive avalanche energy
(note 1)
45
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
28.4
W
Derating factor above 25oC
0.23
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
4.4
oC/W
R
thja
Thermal resistance, Junction to ambient
58
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW F 13N65D
SW13N65D
TO-220F
TUBE
N-channel Enhanced mode TO-220F MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.6Ω)@VGS=10V
 Low Gate Charge (Typ 54nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED, Charger, PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 650V
I
D
: 13A
R
DS(ON) : 0.6Ω
1
2
3
TO-220F
1
2
3


Similar Part No. - SW13N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
More results

Similar Description - SW13N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW038R04VT SEMIPOWER-SW038R04VT Datasheet
568Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW2N65D SEMIPOWER-SW2N65D Datasheet
649Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW18N60D SEMIPOWER-SW18N60D Datasheet
651Kb / 6P
N-channel Enhanced mode TO-220F MOSFET
SW20N70K SEMIPOWER-SW20N70K Datasheet
703Kb / 1P
N-channel Enhanced mode TO-220FMOSFET
SW6N70A SEMIPOWER-SW6N70A Datasheet
593Kb / 6P
N-channel Enhanced mode TO-251MOSFET
SW6N70D SEMIPOWER-SW6N70D Datasheet
630Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW8N65A1 SEMIPOWER-SW8N65A1 Datasheet
551Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com