Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMP-1264-252 Datasheet(PDF) 6 Page - Abracon Corporation

Part # ACMP-1264-252
Description  Power Common Mode Chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACMP-1264-252 Datasheet(HTML) 6 Page - Abracon Corporation

  ACMP-1264-252 Datasheet HTML 1Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 2Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 3Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 4Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 5Page - Abracon Corporation ACMP-1264-252 Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISION: IR 06-29-22
For terms and conditions of sales, please visit:
www.abracon.com
Power Common Mode Chokes
ACMP-1264 Series
12 x 10.8 x 6.4 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Tape & Reel: 500pcs/reel
W
P
P0
P2
D0
E
F
A0
B0
K0
24 ±
0.30
16 ±
0.10
4.0 ±
0.10
2.0 ±
0.10
1.5 ±
0.10
1.75 ±
0.10
11.5 ±
0.10
11.3 ±
0.10
13.0 ±
0.10
6.6 ±
0.10
Dimensions: mm
ATTENTION: Abracon LLC’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products
are not specifically designed for Military, Aviation, Aerospace, Life-dependent Medical applications or any application requiring high reliability where component failure could result in loss of life
and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon LLC is required. Please contact
Abracon LLC for more information.
Packing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com