Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD16N05LSM9A Datasheet(PDF) 2 Page - ON Semiconductor

Part # RFD16N05LSM9A
Description  MOSFET - Power, N-Channel, Logic Level 50 V, 16 A, 47 m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RFD16N05LSM9A Datasheet(HTML) 2 Page - ON Semiconductor

  RFD16N05LSM9A Datasheet HTML 1Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 2Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 3Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 4Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 5Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 6Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 7Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 8Page - ON Semiconductor RFD16N05LSM9A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RFD16N05LSM
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
RFD16N05LSM9A
Units
Drain to Source Voltage (Note 1)
VDS
50
V
Drain to Gate Voltage (RGS 20 kW) (Note 1)
VDGR
50
V
Continuous Drain Current
ID
16
A
Pulsed Drain Current (Note 3)
IDM
45
A
Gate to Source Voltage
VGS
±10
V
Maximum Power Dissipation
PD
60
W
Derate Above 25°C
0.48
W/°C
Operating and Storage Temperature
TJ, TSTG
−55 to 150
°C
Maximum Temperature for Soldering
Leads at 0.063 in (1.6 mm) from Case for 10 s
TL
300
°C
Package Body for 10 s, See Techbrief 334
Tpkg
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. TJ = 25°C to 125°C.
ELECTRICAL SPECIFICATIONS (TC = 25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250 mA, VGS = 0 V, Figure 10
50
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA, Figure 9
1
−
2
V
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
−
−
1
mA
TC = 150°C
−
−
50
mA
Gate to Source Leakage Current
IGSS
VGS = ±10 V, VDS = 0 V
−
−
100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 16 A, VGS = 5 V
−
−
0.047
W
ID = 16 A, VGS = 4 V
−
−
0.056
W
Turn−On Time
t(ON)
VDD = 25 V, ID = 8 A, VGS = 5 V,
RGS = 12.5 W
Figures 15, 16
−
−
60
ns
Turn−On Delay Time
td(ON)
−
14
−
ns
Rise Time
tr
−
30
−
ns
Turn−Off Delay Time
td(OFF)
−
42
−
ns
Fall Time
tf
−
14
−
ns
Turn−Off Time
t(OFF)
−
−
−
ns
Total Gate Charge
Qg(TOT)
VGS = 0 V to 10 V
VDD = 40 V,
ID = 16 A,
RL = 2.5 Ω
Figures 17, 18
−
−
80
nC
Gate Charge at 5 V
Qg(5)
VGS = 0 V to 5 V
−
−
45
nC
Threshold Gate Charge
Qg(TH)
VGS = 0 V to 1 V
−
−
3
nC
Thermal Resistance Junction to Case
RqJC
−
−
2.083
°C/W
Thermal Resistance Junction to Ambient
RqJA
−
−
100
°C/W
SOURCE TO DRAIN DIODE SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 16 A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 16 A, dISD/dt = 100 A/ms
-
-
125
ns
2. Pulse Test: Pulse Width ≤300 ms, Duty Cycle ≤2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com