Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC400-RTR2 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 16Page - Texas Instruments CC400-RTR2 Datasheet HTML 17Page - Texas Instruments CC400-RTR2 Datasheet HTML 18Page - Texas Instruments CC400-RTR2 Datasheet HTML 19Page - Texas Instruments CC400-RTR2 Datasheet HTML 20Page - Texas Instruments CC400-RTR2 Datasheet HTML 21Page - Texas Instruments CC400-RTR2 Datasheet HTML 22Page - Texas Instruments CC400-RTR2 Datasheet HTML 23Page - Texas Instruments CC400-RTR2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
CC400
SWRS050
Page 20 of 32
26.
System Considerations and Guidelines
26.1.
Low-cost systems
In systems where low cost is of great
importance the 200 kHz IF should be
used. The oscillator crystal can then be a
low cost crystal with 50 ppm frequency
tolerance.
26.2.
Battery operated systems
In low power applications the power down
mode should be used when not being
active. Depending on the start-up time
requirement, the oscillator core can be
powered during power down. Precharging
of the demodulator may also be used to
reduce the receiver turn-on time, see
description p.21.
26.3.
Narrow band systems
CC400 is also suitable for use in narrow
band systems. However, it is then required
to use a crystal with low temperature drift
and ageing. A trimmer capacitor in the
crystal oscillator circuit (in parallel with
C151) may also be necessary to set the
initial frequency.
It is also possible to include an external IF-
filter at 455 kHz. This should be a ceramic
filter with 1.5 k
Ω input/output impedance
connected between IF_OUT and IF_IN.
Typical bandwidth is 30 kHz. Due to the
high Q of such a filter, a better selectivity
can be achieved. See Application Note
AN005 “Selecting system parameters and
system configurations using CC400 /
CC900” for more details.
26.4.
High reliability systems
Using a SAW filter as a preselector will
improve the communication reliability in
harsh environments by reducing the
probability of blocking.
26.5.
Spread spectrum frequency
hopping systems
Due to the very fast frequency shift
properties of the PLL, the
CC400 may very
well be used in frequency hopping
systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com