Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS3000 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # FS3000
Description  Air Velocity Sensor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000 Datasheet(HTML) 5 Page - Renesas Technology Corp

  FS3000 Datasheet HTML 1Page - Renesas Technology Corp FS3000 Datasheet HTML 2Page - Renesas Technology Corp FS3000 Datasheet HTML 3Page - Renesas Technology Corp FS3000 Datasheet HTML 4Page - Renesas Technology Corp FS3000 Datasheet HTML 5Page - Renesas Technology Corp FS3000 Datasheet HTML 6Page - Renesas Technology Corp FS3000 Datasheet HTML 7Page - Renesas Technology Corp FS3000 Datasheet HTML 8Page - Renesas Technology Corp FS3000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FS3000 Datasheet
R36DS0009EU0100 Rev.1.00
May 31, 2022
Page 5
3.
Specifications
3.1
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause
permanent damage to the device. Functional operation of the FS3000 at absolute maximum ratings is not
implied. Exposure to absolute maximum rating conditions may affect device reliability.
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VIN
Supply Voltage
5.5
V
TSTOR
Storage Temperature
-40
105
°C
3.2
Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Unit
VIN
Supply Voltage [1]
3.3
V
TAMB
Ambient Operating Temperature
-20
–
85
°C
1.
Must be regulated; changes in supply voltage will affect accuracy.
3.3
Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
IVIN
Current Consumption
10
mA
FAIR
Air Flow Range
FS3000-1005
0
7.23
m/sec
FS3000-1015
0
15
VOUT
Digital Output
Min to Max of Flow Range
409
–
3686
Count
RES
Resolution
12
bit
EAIR
Flow Accuracy
At 25°C
5
% of
F.S.
tRESP
Response Time
125
ms
fSCL
SCL Clock Frequency
400
kHz
VIL
I2C Input Logic Low
Threshold
0.3VDD or
1.5
V
VIH
I2C Input Logic High
Threshold
0.7VDD or 3
V
VOL
I2C Output Logic Low
Threshold
0.4
V
1.
m/sec: meter per second.
2.
F.S: Full scale flow range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com