Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA4M2AD3CFM Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R7FA4M2AD3CFM
Description  Leading-performance 100 MHz Arm Cortex-M33 core, up to 512 KB code flash memory with background operation, 8 KB Data flash memory, and 128 KB SRAM with Parity/ECC.
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M2AD3CFM Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R7FA4M2AD3CFM Datasheet HTML 9Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 10Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 11Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 12Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 13Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 14Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 15Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 16Page - Renesas Technology Corp R7FA4M2AD3CFM Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Table 1.14
Pin functions (4 of 4)
Function
Signal
I/O
Description
AVSS0
Input
Analog ground pin. This is used as the analog ground for the
respective modules. Supply this pin with the same voltage as the
VSS pin.
VREFH0
Input
Analog reference voltage supply pin for the ADC12 (unit 0). Connect
this pin to AVCC0 when not using the ADC12 (unit 0).
VREFL0
Input
Analog reference ground pin for the ADC12. Connect this pin to
AVSS0 when not using the ADC12 (unit 0).
VREFH
Input
Analog reference voltage supply pin for the ADC12 (unit 1) and D/A
Converter. Connect this pin to AVCC0 when not using the ADC12
(unit 1) and D/A Converter.
VREFL
Input
Analog reference ground pin for the ADC12 and D/A Converter.
Connect this pin to AVSS0 when not using the ADC12 (unit 1) and
D/A Converter.
ADC12
ANmn
Input
Input pins for the analog signals to be processed by the A/D
converter.
(m: ADC unit number, n: pin number)
ADTRGm
Input
Input pins for the external trigger signals that start the A/D
conversion, active-low.
DAC12
DAn
Output
Output pins for the analog signals processed by the D/A converter.
CTSU
TSn
Input
Capacitive touch detection pins (touch pins)
TSCAP
I/O
Secondary power supply pin for the touch driver
I/O ports
Pmn
I/O
General-purpose input/output pins
(m: port number, n: pin number)
P200
Input
General-purpose input pin
RA4M2 Datasheet
1. Overview
R01DS0367EJ0110 Rev.1.10
Jan 27, 2021
Page 13 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com