Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFM Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 256-KB code flash memory, 32 KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, 12-bit D/A Converter, Security and Safety features.
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 35Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 36Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 37Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 38Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 39Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 40Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 41Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 42Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
Oscillator
ICLK
IRQ
Software Standby mode
tSBYSC, tSBYLO
Oscillator
ICLK
IRQ
Software Standby mode
tSBYMC, tSBYEX,
tSBYMO, tSBYHO
Figure 2.10
Software Standby mode cancellation timing
Table 2.25
Timing of recovery from low power modes (5)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time from Software
Standby mode to Snooze
mode
High-speed mode
System clock source is
HOCO
tSNZ
—
4.1
5.2
µs
Figure 2.11
Middle-speed mode
System clock source is
HOCO (24 MHz)
VCC = 1.8 V to 5.5 V
tSNZ
—
4.2
5.3
µs
Middle-speed mode
System clock source is
HOCO (24 MHz)
VCC = 1.6 V to 1.8 V
tSNZ
—
8.3
10
µs
Low-speed mode
System clock source is
MOCO (2 MHz)
tSNZ
—
6.7
8.0
µs
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0120 Rev.1.20
May 20, 2022
Page 39 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com