Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CASD501S2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CASD501S2
Description  Surface Mount Small Signal Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CASD501S2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CASD501S2 Datasheet HTML 1Page - Cystech Electonics Corp. CASD501S2 Datasheet HTML 2Page - Cystech Electonics Corp. CASD501S2 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C336S2
Issued Date : 2003.06.01
Revised Date :
Page No. : 2/2
CASD501S2
CYStek Product Specification
Characteristic Curves
Forward Characteristics
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage---VF(V)
125℃
75℃
25℃
-25℃
Reverse Characteristics
0.1
1
10
100
1000
10000
0
10203040
Reverse Voltage---VR(V)
125℃
75℃
25℃
Forward Current Derating Curve
(Mounting on glass epoxy PCBs)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature---Ta(℃)
Diode Capacitance vs Reverse Voltage
1
10
100
0
5
10
15
20
25
30
35
Reverse Voltage---VR(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com