Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4215CUFD-2PBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4215CUFD-2PBF
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD-2PBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4215CUFD-2PBF Datasheet HTML 14Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 15Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 16Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 17Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 18Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 19Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 20Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 21Page - Linear Technology LTC4215CUFD-2PBF Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4215/LTC4215-2
18
4215fe
APPLICATIONS INFORMATION
For a start-up time of 4ms with a 2x safety margin we
choose:
C
t
ms μF
C
C
ms
TIMER
STARTUP
SS
TIMER
=+
=
2
12 3
10
8
•
./
•
1
12 3
75
10 068
./
.•
.
ms μF
nF
μF
+≅
Note the minimum value of CTIMER is 10nF, and each 1nF
of soft-start capacitance needs 10nF of TIMER capaci-
tance/time during start-up.
The UV and OV resistor string values can be solved in the
following method. First pick R3 based on ISTRING being
1.235V/R3 at the edge of the OV rising threshold, where
ISTRING > 40μA. Then solve the following equations:
R2 =
V
V
•R3 •
UV
OV
OV(OFF)
UV(ON)
TH(RISING)
TH
H(FALLING)
UV(ON)
TH(RI
–R3
R1 =
V
UV
•(
)
RR
32
+
S
SING)
––
RR
32
In our case we choose R3 to be 3.4kΩ to give a resistor
string current below 100μA. Then solving the equations
results in R2 = 1.16kΩ and R1 = 34.6kΩ.
The FB divider is solved by picking R8 and solving for R7,
choosing 3.57kΩ for R8 we get:
R7 =
V
FB
PWRGD(UP)
TH(RISING)
•
–
R
R
8
8
resulting in R7 = 30kΩ.
A 0.1μF capacitor, CF, is placed on the UV pin to prevent
supply glitches from turning off the GATE via UV or OV.
The address is set with the help of Table 1, which indi-
cates binary address 1010011 corresponds to address
19. Address 19 is set by setting ADR2 high, ADR1 open
and ADR0 high.
Next the value of R5 and R6 are chosen to be the default
values 10
Ω and 15k as discussed previously.
UV
OV
SS
GND
ON
EN
SDAO
FB
GPIO
INTVCC
TIMER
ADIN
ADR2
ADR1
R2
R3
CF
Z1
R1
SENSE RESISTOR RS
C3
LTC4215UFD
R8
ILOAD
4215 F05
ILOAD
Figure 5. Recommended Layout
In addition a 0.1μF ceramic bypass capacitor is placed on
the INTVCC pin.
Layout Considerations
To achieve accurate current sensing, a Kelvin connection
is required. The minimum trace width for 1oz copper
foil is 0.02" per amp to make sure the trace stays at a
reasonable temperature. Using 0.03" per amp or wider
is recommended. Note that 1oz copper exhibits a sheet
resistance of about 530μ
Ω/®. Small resistances add up
quickly in high current applications. To improve noise
immunity, put the resistive dividers to the UV, OV and FB
pins close to the device and keep traces to VDD and GND
short. It is also important to put the bypass capacitor for
the INTVCC pin, C3, as close as possible between INTVCC
and GND. A 0.1μF capacitor from the UV pin (and OV pin
through resistor R2) to GND also helps reject supply noise.
Figure 4 shows a layout that addresses these issues. Note
that a surge suppressor, Z1, is placed between supply and
ground using wide traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com