Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTE04B-2-R-04 Datasheet(PDF) 1 Page - C&K Components

Part # RTE04B-2-R-04
Description  Low Profile Rotary DIP Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTE04B-2-R-04 Datasheet(HTML) 1 Page - C&K Components

  RTE04B-2-R-04 Datasheet HTML 1Page - C&K Components RTE04B-2-R-04 Datasheet HTML 2Page - C&K Components RTE04B-2-R-04 Datasheet HTML 3Page - C&K Components RTE04B-2-R-04 Datasheet HTML 4Page - C&K Components RTE04B-2-R-04 Datasheet HTML 5Page - C&K Components RTE04B-2-R-04 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
H
H–27
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
RT E
Number of Positions
RTE04
RTE10
RTE16
ESD Protection and top plate
0
Without ESD - standard plate
1
With ESD - standard plate 2
B
Without ESD - black plate
Actuator
0
Flush, screwdriver slot
2
Shaft for button
Terminations
N
Thru-hole
V
Right angle
G
Surface mount
R
Reverse, thru-hole
Switch Function
0
Single pole 1
1
BCD code
3
Gray Code (for RTE 10)
4
Hexadecimal code (for RTE 16)
7
Gray Code (for RTE16)
Contact/Terminal Material
4
Gold 0.5 µm/ Lead free tin
7
Gold 1.0 µm/ Gold
1 - Single pole function not available for RTE10/RTE16
2 - ESD protection available with “N” and “R” terminations only
RTE Series
Low Profile Rotary DIP Switches
Features/Benefits
• Thru-hole & surface mount
models
• Miniature size with robust metal
cover in black or silver nickel finish
• 4, 10 & 16 positions
• Large choice of codings
• Vertical, right angle or reverse
versions
• IP54
• RoHS compliant
Typical Applications
• Timers, automation components
• Computer and peripherals
• Alarms, access control,
smoke detectors, lighting,
home protection
• Instrumentation
Specifications
CONTACT RATING:
Gold: 100 mA max. 10µ A min. 30 V DC max. 20 mVDC min.
MECHANICAL LIFE: 20,000 indexations
CONTACT RESISTANCE: 100 mΩ max. initial;
150 mΩ after life
INSULATION RESISTANCE: 1010 Ω min. initial
DIELECTRIC STRENGTH: 300 Vrms 1 mn
OPERATING TEMPERATURE: -25°C to 85°C.
STORAGE TEMPERATURE: -55°C to 85°C.
PACKAGING:
How To Order
The Build-A Switch concept allows you to mix and match options to create the switch you need. Below is a complete listing
of options shown in catalog. To order, simply select desired option from each category and place in the appropriate box.
NOTE: Some of the configurations may not be available or could require some development.
Materials
COVER: Brass, nickel plated (black or silver)
BASE: PPS
ACTUATOR: LCP
MOVABLE CONTACTS: Copper alloy, gold plated.
STATIONARY CONTACTS: Brass, gold plated.
TERMINALS: See page I-28 to I-29
O-RING: Silicone
SOLDERING PROCESS:
- Surface Mount Terminals: Infrared Reflow Soldering in accor-
dance with IEC 61760-1.
- Non Reverse Thru-Hole Terminals: Lead free single or double
wave soldering process according to C&K Procedure
PS-LF-001
- Reverse Thru-Hole Terminals: Manual soldering: 3 sec / 350°C.
Lead free single wave soldering process can be used but
validation of the process must be done by customer
Quantities
Terminations
Actuator
Tube
Box
(in bulk)
Carrier
tape
Standard
Package
G
Flush, screwdriver slot
1250
1250 (1 reel)
Shaft for button
750
750 (1 reel)
N
All versions
65
1950 (30 tubes)
V
All versions
150
1500 (10 boxes)
R
Flush, screwdriver slot
65
1950 (30 tubes)
Shaft for button
150
1500 (10 boxes)
Note: Specifications and materials listed above are for
switches with standard options. For information on specific
and custom switches, consult Customer Service Center.
19 Jan 21


Similar Part No. - RTE04B-2-R-04

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE0400G04 CK-COMPONENTS-RTE0400G04 Datasheet
382Kb / 7P
Low Profile Rotary DIP Switches
RTE0400G04 CK-COMPONENTS-RTE0400G04 Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
RTE0400G05 CK-COMPONENTS-RTE0400G05 Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
RTE0400G14 CK-COMPONENTS-RTE0400G14 Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
RTE0400G15 CK-COMPONENTS-RTE0400G15 Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
More results

Similar Description - RTE04B-2-R-04

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
Low-cost Rotary DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
Low Profile DIP Switches
RTE ITT-RTE Datasheet
427Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
Low Profile Rotary DIP Switches
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
Low Profile Rotary DIP Switches
logo
C&K Components
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
Low Profile Rotary DIP Switches
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
Low Profile Rotary DIP Switches
15 Sep 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com